Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics STV3550 Datasheet HTML 68Page - STMicroelectronics STV3550 Datasheet HTML 69Page - STMicroelectronics STV3550 Datasheet HTML 70Page - STMicroelectronics STV3550 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
CPU and System Management Functional Description
STV3550
67/144
The ROM device may be easily replaced by a Flash or a Synchronous Flash (SFlash) device, but
the STV3550 is not able to support bursted accesses because there is no dedicated clock pad for a
SFlash device. Therefore, a Synchronous Flash device may be connected, but it will be used in
standard asynchronous mode by the STV3550.
The maximum ROM size is 16 MBits (or 2 MBytes), as the device is connected on 20 address lines
and 16 data lines.
Typical Flash devices, such as STM-29W160DT (STMicroelectronics) or AM29BL162C (AMD) are
compliant with the STV3550 Memory Interface.
The RAM device should be a Synchronous DRAM (SDRAM). A dedicated clock pad is available on
the STV3550. The maximum memory size is 256 MBits (or 32 MBytes), connected on 14 address
lines and 16 or 32 data lines. The SDRAM clock frequency may be up to 100 MHz.
Typical SDRAM devices, such as
µPD4564163 (NEC) or KM432S2030C (SAMSUNG) are
compliant with the STV3550 Memory Interface.
Memory devices can be connected in different ways to accommodate a large number of
applications.
6.3.2
Configuring the STV3550 Memory Interface during Boot
The STV3550 always boots on the ROM device, regardless of the SDRAM configuration. After
reset, the STV3550 Memory Interface accesses the ROM at a very low speed in order to
accommodate the slowest ROM devices available on the memory market.
Note:
The STV3550 boot address is 0x7FFFFFFF in the Flash memory.
Since the STV3550 is able to accommodate several memory configurations, the STV3550 Memory
Interface should be configured accordingly during the boot. Software is used to configure the
memory (i.e. SDRAM size, data bus size, SDRAM and ROM latencies, etc.) and does not require
the use of external pins.
STV3550 embeds an internal RAM that can be used during the boot until the external SDRAM is
ready.
Once the STV3550 Memory Interface has been programmed properly, it is strongly recommended
not to apply any further modifications.
6.3.3
Address Format
When interfacing a memory device through the STV3550 Memory Interface, the STV3550 uses a
word address. Depending on the data bus size of the device, and knowing that the minimum data
bus size is 16 bits:
●
When using a 16-bit data word device (1 word = 2 bytes), bit 0 is the least significant address
bit,
●
When using a 32-bit data word device (1 word = 4 bytes), bit 1 is the least significant address
bit.
Byte Enable lines (NOT_BEx signals) are provided for processing only parts of data words when
required.
Note:
For SDRAM, the address bus is multiplexed on 14 address lines (row, column and bank addresses),
while Flash devices do not use multiplexed addresses.
6.3.4
Control Registers
The STV3550 Memory Interface is able to support various memory configurations by programming
control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com