Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
Video Functional Description
STV3550
21/144
The ancillary data is stored aligned in 32-bit packets. If necessary, the packets are completed by a
filler with programmable data (060h, by default).
The parity of each field is extracted from the embedded F pulse or from the external H/V pulse. The
field can be determined as top first or bottom first by programming.
The data stream sequence for the Y, Cr or Cb samples is programmable.
3.1.1.2 D1 Formats
The typical input format supported by the SDIN is 720 pixels per line and 480 lines per frame for the
60-Hz source or 576 lines per frame for 50-Hz source (ITU-R BT.656) with a 27-MHz pixel clock.
The D1 interface can also support other formats with a pixel clock up to 30 MHz. The input format is
given by the configuration of the interface that is programmable up to 960 pixels per line and 1024
lines per frame.
The 3D-TNR and the Motion Estimator can be used only with standardized line length of 720 pixels
per line.
3.1.1.3 Synchronization Pulse Extraction
The SDIN interface is able to extract either the sync pulses embedded in the data stream as
described in specification ITU-R BT.656 or external H/V pulses sent on the H/V inputs.
After extraction, the sync pulses are used to capture the data which is then sent to the Video
Timebase Generator (VTG) to synchronize the chip. Synchronization modes are described in
Section 3.2: Video Timebase Generator (VTG).
The following sync pulses can be extracted and are selected using the registers:
●
Embedded F and H sync pulses (for the vertical sweep, and EAV or SAV pulse for the
horizontal sweep),
●
Embedded V and H sync pulses (rising or falling edge of the V sync pulse, for the vertical
sweep, and EAV or SAV pulse for the horizontal sweep),
●
External H/Vsync pulses (rising or falling edge of the external V sync pulse, for the vertical
sweep, and rising or falling edge of the external H pulse for the horizontal sweep),
●
External H/Fsync pulses (rising and falling edge of the external F sync pulse, for the vertical
sweep, and rising or falling edge of the external H pulse for the horizontal sweep).
3.1.1.4 Horizontal and Vertical Filter
To perform high-factor Zoom-out on a picture (from 1/4 to 1/16 of the screen) with no extra load on
the memory bandwidth, the SDIN can perform a horizontal and vertical decimation by 2 or 4 on the
input signal. This means that unused pixels are not stored in the SDRAM and the memory
bandwidth is not penalized.
Before decimation, the input signal passes through a horizontal and vertical filter to prevent aliasing
effects. The coefficient of this filter is programmable and then can be optimized for each decimation
factor. This filter and the decimator can be by-passed. The decimation factor is selectable by
programming. When the decimator is active, the 3D-TNR is by-passed.
The vertical filter line-memories are limited to 720 pixels. When a line exceeds 720 pixels, the input
line must be truncated to 720 pixels by the D1 interface (configured at 720 pixels per line).
3.1.1.5 3D Temporal Noise Reduction (TNR)
When the D1 interface is set in a standard configuration (720 pixels per line and 288 or 240 lines per
field) and the decimation filter is by-passed, the luma signal can be filtered in the spatial and
temporal domain in order to reduce in-band noise. The noise reduction is based on a proprietary ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com