Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics STV3550 Datasheet HTML 56Page - STMicroelectronics STV3550 Datasheet HTML 57Page - STMicroelectronics STV3550 Datasheet HTML 58Page - STMicroelectronics STV3550 Datasheet HTML 59Page - STMicroelectronics STV3550 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
56/144
STV3550
Output Stage
5
Output Stage
Note:
Some descriptions in this section are not applicable for LCD applications.
5.1
Color Space Adaptor (CSA) and Interpolator
5.1.1
Main Features
●
RGB to YUV Convertion
●
Up-sampling by two
●
GFX_ACTIVE Programmable Delay
5.1.2
General Description
At the output of the Picture Compositor, the video format is 3x10-bit RGB 4:4:4. The video signal is
first sent to a Color Space Adaptor that outputs RGB signals. The bit stream is then interpolated in
order to double the bit rate. The interpolation function can be used in the event of a double-rate
OSD, or mixed mode (OSD and video).
5.1.3
Up-sampling
In this sub-block, incoming RGB data are up-converted using the CLK_DAC clock. There are two
possible cases:
1
the CLK_PIX and CLK_DAC clock frequency is the same: only the clock domain is changed,
2
or the CLK_DAC clock frequency is twice the CLK_PIX clock frequency: the clock domain is
changed and the outputs signals are padded with a zero level every two samples.
Figure 40: CSA and Interpolation Diagram
CTL (RGB/YCrCb)
CLK_DAC
CLK_PIX
On/Off
by 1 or 2
Interpolator
Video
Matrix
RGB to YCrCb
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com