Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 34Page - STMicroelectronics STV3550 Datasheet HTML 35Page - STMicroelectronics STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 144 page
background image
38/144
STV3550
Graphics Functional Description
4.1.3.1 OSD Display Regions
The OSD consists of one or more display regions. Each display region is rectangular and can have
its own color palette and other properties. Three examples of OSD regions are shown in Figure 26.
In this figure, Region 3 shows that an OSD region can be displayed outside the active video area.
A single display line cannot be included in more than one active OSD region, i.e. only one OSD
region can be active on a single line. If two OSD regions are required to be displayed on the same
display line, a new OSD region must be defined that includes both regions.
For example, in Figure 27, two different OSD regions (A and B) use some of the same display lines.
If both OSD regions are to be active at the same time, a new region (C) must be defined including
both regions A and B. The area of region C that is outside regions A and B can be defined as
transparent.
4.1.4
Programming OSD Display Regions
The characteristics of each OSD region are contained in an OSD specification which is stored in the
64-Mbit SDRAM. The following data is contained in the OSD specification:
●
A header which defines the boundaries of the region and contains 4 pointers that are used to
identify the SDRAM location of the current palette, the current top block, the current bottom
block, the next OSD region and other control information.
Figure 26: OSD Regions
Figure 27: Two Display Regions using the same Display Lines
Boundary of displayable area
Active video area
(X0, Y0)
(X1, Y1)
Region 1
Region 2
Transparent
Region 3
Display lines
in both regions
OSD Regions
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com