Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics STV3550 Datasheet HTML 29Page - STMicroelectronics STV3550 Datasheet HTML 30Page - STMicroelectronics STV3550 Datasheet HTML 31Page - STMicroelectronics STV3550 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
28/144
STV3550
3.3.4
Brightness Estimator
The Brightness Estimator provides the value of the average field brightness of the picture. It can be
used to hardware tune the two brightness correction functions (spectral processing and contrast
enhancer).
Otherwise, a manual mode enables the CPU to force the average brightness value of the image.
3.3.5
Histogram
A high-resolution, non-linear histogram that uses 16 levels to characterize the image luminance is
included.
The accumulation of the histogram is done through an entire field and is ready to be used at the
next V sync signal. A window for histogram calculation can be selected for reducing the image size
which will be used for histogram processing.
3.3.6
Contrast Enhancer
The luminance processing block works only on the low pass spectrum of the input signal.
All these algorithms are based on the same model (Figure 15) that uses three different segments
for contrast modification: the high limit (Yhl), the low limit (Yll) and the middle segment (Ym).
Figure 14: Image Improvement Block Diagram
Contrast Enhancer
Chrominance Processing
Spectral Processing
Input Stage
Yin
Low pass
High pass
Mix
Yout
Adaptive Peaking
& Coring
Black Stretch
White Stretch
Grey Stretch
B&W Shrink
Average
Brightness
Filtering
Brightness
Estimator
Cbin, Crin
Cbout, Crout
Color Transient
Improvement
Histogram
Autoformat
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com