Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics STV3550 Datasheet HTML 56Page - STMicroelectronics STV3550 Datasheet HTML 57Page - STMicroelectronics STV3550 Datasheet HTML 58Page - STMicroelectronics STV3550 Datasheet HTML 59Page - STMicroelectronics STV3550 Datasheet HTML 60Page - STMicroelectronics STV3550 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
Output Stage
STV3550
57/144
Note:
RGB to YUV conversion and color filter functions are not used in LCD applications
5.1.4
GFX_ACTIVE Signal
The chip delivers a GFX_ACTIVE signal that is high during the graphic insertion period and low
during the video period. This signal can be used to control an external switch to insert the OSD
when the video is generated externally (typically with a VGA source). Each edge of this signal can
be adjusted in timing when compared with the Hout sync pulse.
The delay is adjustable from -2 DAC_clock cycles to +5 DAC_clock cycles for the rising edge , and
from -3 DAC_clock cycles to +4 DAC_clock cycles for the falling edge, as shown in the table below.
Figure 41: Color Space Adaptor Block Diagram
Table 15: Delay on Rising/Falling Edges of GFX_ACTIVE Signal
DELAY_RISE
Delay Value
DELAY_FALL
Delay Value
0000
CSA Stage Number - 7 clock cycles
0000
CSA Stage Number - 7 clock cycles
0001
CSA Stage Number - 6 clock cycles
0001
CSA Stage Number - 6 clock cycles
0010
CSA Stage Number - 5 clock cycles
0010
CSA Stage Number - 5 clock cycles
2
UPSAMPLING_EN
FC
2
FC
FC
CLK_PIX
FILTER_EN
30
10
RGB2YUV_EN
CLK_DAC
10
10
2
10
10
10
10
10
10
Up-sampling
COLOR_FILTER
GFX_DELAY
DELAY_RISE
DELAY_FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com