Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 144 page
background image
22/144
STV3550
Video Functional Description
algorithm that includes a comet-effect canceller. The strength of the noise reduction can be
adjusted in 32 steps depending on the noise level.
The SDIN includes a Noise Estimator that delivers a 32-step data item on the noise level for each
field. This data can be processed by the CPU to control the 3D-Temporal Noise Reductor and then
performs an adaptive noise reduction. This function is available in standard configurations only.
3.1.1.6 Motion Estimator
When the D1 interface is set in a standard configuration (720 pixels per line and 288 or 240 lines per
field), the SDIN provides scene change and video picture format data based on 3 consecutive
fields.
This information can be processed by the CPU to determine if the signal is from a video or a film
source, and then the CPU can select the optimized up-conversion mode (Proscan field merging or
interpolation).
This data is also used to determine the polarity of the field: Top First (generally used) or Bottom
First.
3.2
Video Timebase Generator (VTG)
This block generates the up-converted horizontal and vertical sync pulses required to drive the
video output stages. It receives the extracted H/V sync pulses from the SDIN block, in the 1H
domain, and, depending on the selected synchronization mode, provides H/V sync pulses for the
2H domain.
The VTG is able to generate all output synchronization pulses from 1H to 3H for horizontal sweep
and 50 Hz to 120 Hz for Vertical sweep, in Interlaced or Progressive mode.
The VTG clock is derived from the on-board crystal oscillator to reduce jitter. Vertical and horizontal
sync pulses are generated by the division of the VTG_CLK signal frequency.
The CPU manages the division factors and processes the incoming 50-Hz H and V pulses to
generate the required 100-Hz scanning sequences.
3.2.1
Synchronization Modes
●
Slave by H and V signals (embedded or external)
●
Slave by V signals (embedded or external)
●
Master mode.
●
Pass-through (for VGA application) with generator-locking of the OSD clock.
3.2.2
Deinterlacing Modes and Progressive Scan Output
The de-interlacing can be done in the following modes:
●
Spatial line interpolation, using the high resolution vertical polyphase filter
●
Motion adaptive spatial-temporal interpolation, using the median filter
●
Field merging for film sources
Note:
The scrolling mode is done by programming the Video Timebase Generator (VTG) that defines the
output number of lines/field, and by programming the Video Display Pipeline that performs the
number of pixel/line interpolations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com