Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
STV3550 Pin List
STV3550
19/144
2.3
Parallel I/O Pins and Alternate Functions
The STV3550 includes 30 Parallel I/O pins arranged in 4 banks of 6 to 8-bit ports. The pins can be
programmable in input, output, bi-directional or as alternate function pins. The ports are listed in
Table 3 on page 14.
When configured as an output, the pin can be either open drain or with weak pull-up.
The input to any pin can be compared to a stored value, and if not equal, can produce an interrupt.
Any pin can be configured to output an alternate functions rather than programmed value. The input
channel can be directly connected to a peripheral device to make the pin as a primary input of the
device. The following table shows the assignments of the alternate functions for the 30 I/O pins.
Table 7: Not Connected
Pin No.
Pin Name
Pin Description
54
NC
101
NC
103
NC
Figure 6: Pin Connections
Alternate
Alternate
Clock
I/O Pin
Open Drain
Input Latch
Synchronizer
10
Push-Pull Output
Function
Data Output
Register
Alternate Input
Output Latch
STBus Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com