Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
44/144
STV3550
Graphics Functional Description
In this case, the OSD consists of 2 different images which are displayed one after the other at a rate
of 50 images per second. The human eye is able to detect the appearance and disappearance of
both these images in the OSD. This effect is known as “flicker”.
Flutter problems occur when the same image is used in both the top and bottom fields of a single
frame. The top field is displayed in the same position as the bottom field.
In this case, the OSD consists of top field lines and bottom field lines which are displayed one after
the other at a rate of 50 images per second. The OSD image seems to move up and down. This
effect is called “flutter”.
Anti-Flicker and Anti-Flutter filter modes may be applied to Alpha and RGB color values stored in
the CLUT. The filter mode is selected by bits FM[1:0].
Note:
The Anti-Flicker and Anti-Flutter filters are exclusive and cannot be used simultaneously.
Anti-Aliasing Mode
Anti-Aliasing mode is used to smooth and remove the effects caused by insufficient sampling or
poor filtering of the video signal. To enable Anti-Aliasing mode, reset the BDWOFF bit in the
OSD_CONFIG register. The Anti-Aliasing value is stored in the BDW[7:0] bits in the OSD_CONFIG
register. This value is only applied to the first and last lines of the OSD region. The same value is
applied to all OSD regions displayed in the entire frame.
Gain and Offset Operations
A gain value may be applied to RGB outputs after the filter operations for the current OSD region
by setting bit GaEn. This value is always associated with an offset value. 64 gain values are
available by setting bits Gain[5:0]. The gain is never applied to Alpha or 1-Alpha values. The offset
added to the RGB outputs after the gain operation for the current OSD region is defined in bits
Offset[9:0]
.
R[9:0] = Gain[5:0]/32 x R[9:0] + Offset[9:0]
G[9:0] = Gain[5:0]/32 x G[9:0] + Offset[9:0]
B[9:0] = Gain[5:0]/32 x B[9:0] + Offset[9:0]
Figure 33: Filter Modes
OSD Region
Flicker
Flutter
ST
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com