Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 32Page - STMicroelectronics STV3550 Datasheet HTML 33Page - STMicroelectronics STV3550 Datasheet HTML 34Page - STMicroelectronics STV3550 Datasheet HTML 35Page - STMicroelectronics STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 144 page
background image
36/144
STV3550
As an example, the strength of the peaking is adjustable up to 64 steps from 0 to +10 dB. The
frequency peaking is adjustable from 1.5 MHz to 3.5 MHz by software (1H domain frequencies).
Coring is set using the coring level parameter which gives the strength of the noise suppression in
32 steps.
3.3.8
Color Transient Improvement
Color Transient Improvement (CTI) is used to improve color transitions and chroma resolution. It
uses a custom filter to enhance chroma transitions. Overshoots and undershoots of correction are
suppressed to eliminate incorrect colors at the output of the algorithm. Also small amplitudes are
not amplified and are further reduced to suppress noise amplification.
Figure 25 shows an example of step enhancement and noise pass through.
Figure 25: Step Enhancement and Noise Pass Through
25
20
15
10
5
0
-5
-10
-15
02
468
10
12
= Correction Signal
= Input Signal
= Peaked Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com