Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 84Page - STMicroelectronics STV3550 Datasheet HTML 85Page - STMicroelectronics STV3550 Datasheet HTML 86Page - STMicroelectronics STV3550 Datasheet HTML 87Page - STMicroelectronics STV3550 Datasheet HTML 88Page - STMicroelectronics STV3550 Datasheet HTML 89Page - STMicroelectronics STV3550 Datasheet HTML 90Page - STMicroelectronics STV3550 Datasheet HTML 91Page - STMicroelectronics STV3550 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 144 page
background image
88/144
STV3550
7.2
Infrared Receiver Preprocessor
The Infrared Receiver (IR) Preprocessor measures the interval between adjacent edges of the
demodulated output signal from the IR amplifier/detector. Control bits determine whether the
intervals of interest involve consecutive positive edges, negative edges, or any two edges. The
measurement is represented in terms of 64.133 kHz clock cycles.
Whenever an edge of specified polarity is detected, the number of clock cycles counted since the
previously detected edge is latched into the first of two 12-bit registers (IRP0 and IRP1) and an
interrupt request is generated. When the interrupt is detected, the value of register IRP0 is read and
this value used to calculate the interval between the two specified consecutive edges.
At the counter overflow, the counter value is latched immediately and an interrupt is generated.
If a new edge of the specified polarity is detected or if the counter overflows and register IRP0 does
not contain its maximum value before it is read, the value of register IRP0 is latched into register
IRP1 if this register is empty. If register IRP1 is not empty, the new value is stored in register IRP0.
If a new edge is detected and if both registers (IRP0 and IRP1) are not empty, the new edge cannot
be taken into account until both registers are reset. (The interval is not measured.)
An internal algorithm is used to reset the flags and register values.
The IR input signal is preprocessed by a spike filter that determines whether all pulses narrower
than either 2 µs or 160 µs are filtered out before the signal is applied to the edge detector.
Figure 56: Infrared Receiver Diagram
12-bit Counter
Register IRP1
Register IRP0
Error Flag
Control
64.133 kHz Clock
Interrupt
IR Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com