Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 35Page - STMicroelectronics STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
Graphics Functional Description
STV3550
39/144
●
A color palette which defines the colors in the SDRAM. Up to 256 colors can be used by the
bitmap. If required, one of these colors can be “transparent” allowing the background to show
through. These colors are loaded in the OSD CLUT.
●
A bitmap composed of 2 blocks of 32-bit words.
CAUTION: When 2 regions are displayed one after the other, there must be at least one TV scan
line between them with nothing displayed. This enables the OSD to reload the 256 colors in the
CLUT.
OSD specifications are stored as linked lists, as shown in Figure 28 and Figure 29. The order that the
specifications are stored in SDRAM is the order that the regions are displayed on the screen. This
self-chained mode is managed by software by programming the address of the next OSD region to
be displayed in the Next OSD Specification pointer (OSDp[31:0]). The Stop Linked List (SLL) bit
indicates the last specification in the list.
An OSD specification can be placed anywhere within the entire 64-Mbit SDRAM. Each OSD region
displayed on the screen is the object of an OSD specification. The position of the first OSD region
Figure 28: OSD Specification
Linked Lists
SDRAM
SLL
= 1
= 0
the end of Region 2.
The OSD will stop at
Free Space
Bottom Field Block 1
Free Space
Header 1
Palettep[31:0]
Bottomp[31:0]
Topp[31:0]
Memory
space
between
Header,
Palette, Top
and Bottom
Field blocks
First Specification Address register
OSDp[31:0]
Free Space
Top Field Block 1
Free Space
Palette 1
Free Space
Bottom Field Block 2
Free Space
Header 2
Free Space
Top Field Block 2
Free Space
Palette 2
Header 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com