Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 144 page
background image
STV3550 Pin List
STV3550
17/144
Table 5: System Controls
Pin No.
Pin Name
Pin Description
132
XTALOUT
27 MHz Crystal Output
131
XTALIN
27 MHz Crystal Input
135
CLKXTM
27 MHz Differential Clock for STV2310
136
CLKXTP
27 MHz Differential Clock for STV2310
119
TCK
Test Clock Input
121
TDI
Test Data Input
120
TDO
Test Data Output
118
TMS
Test Mode Select Input
122
TRST
Test Reset Input
123
NRESET
STV3500 Reset Input (Active Low)
Table 6: Power Supplies
Pin No.
Pin Name
Pin Description
Analog
192
SHIELD_ADCDAC
139
SHIELD_PLL
To connect to Analog Ground Supply for PLL
190
VCC33_ADC
3.3 V Analog Voltage Supply for A/D Converter
191
GND_ADC
Analog Ground Supply for ADC
133
VCC18_PLL1
1.8 V Analog Voltage Supply for PLL
134
GND_PLL1
Analog Ground Supply for PLL
129
VCC18_PLL3
1.8 V Analog Voltage Supply for PLL
130
GND_PLL3
Analog Ground Supply for PLL
127
VCC18_IO
1.8 V Analog Voltage Supply for PLL I/Os
128
GND_IO
Analog Ground Supply for PLL I/Os
138
VDD18_PLL
1.8 V Analog Voltage Supply for PLL
137
VSS_PLL
Analog Ground Supply for PLL
Digital
11
VDD33_IO
3.3 V Digital Voltage Supply
25
VDD33_IO
3.3 V Digital Voltage Supply
32
VDD33_IO
3.3 V Digital Voltage Supply
44
VDD33_IO
3.3 V Digital Voltage Supply
53
VDD33_IO
3.3 V Digital Voltage Supply
67
VDD33_IO
3.3 V Digital Voltage Supply
76
VDD33_IO
3.3 V Digital Voltage Supply
85
VDD33_IO
3.3 V Digital Voltage Supply
97
VDD33_IO
3.3 V Digital Voltage Supply
106
VDD33_IO
3.3 V Digital Voltage Supply
115
VDD33_IO
3.3 V Digital Voltage Supply
124
VDD33_IO
3.3 V Digital Voltage Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com