Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 80Page - STMicroelectronics STV3550 Datasheet HTML 81Page - STMicroelectronics STV3550 Datasheet HTML 82Page - STMicroelectronics STV3550 Datasheet HTML 83Page - STMicroelectronics STV3550 Datasheet HTML 84Page - STMicroelectronics STV3550 Datasheet HTML 85Page - STMicroelectronics STV3550 Datasheet HTML 86Page - STMicroelectronics STV3550 Datasheet HTML 87Page - STMicroelectronics STV3550 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
84/144
STV3550
CPU and System Management Functional Description
6.7
Interrupt Management
The ST20 core includes an Interrupt Controller (ITC) able to manage up to 16 interrupt levels. On
top of this block, the STV3550 has an Interrupt Level Controller (ILC) which connects the 57
interrupt sources.
The interrupt sources can be on-chip or off-chip.They can be synchronous or asynchronous (the
ILC re-synchronizes the asynchronous sources). Certain interrupt sources can also behave as
wake-up sources used to exit Standby mode.
Figure 54: Example of Wake-up Interrupt Management
Table 21: Interrupt Sources (page 1 of 2)
Interrupt Source Name
Number of
Interrupts
Number of
Synchronous
Interrupts
Number of
Asynchronous
Interrupts
Number of
Wake-up
Interrupts
Off-chip
Interrupts
OSD
4
4
Video Display Pipeline
5
5
SDIN
19
10
9
VTG
5
5
Peripherals and I/Os
20
4
16
7
2
2DBM
2
2
10-bit
Wake-up
adc clk
Clk toward
other blocks
mode (CPU)
AD1
IR
Ext IT1
Ext IT2
Ext IT3
Ext IT4
switched off
in Standby
(OR)
27 MHz
Wake-up
ITC
(from ILC3)
Clock
Generator
RTC
Timer
Infrared
Processor
External IT 1
External IT 2
External IT 3
External IT 4
EXTALIN
EXTALOUT
AD6
Analog-to-Digital
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com