Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics STV3550 Datasheet HTML 56Page - STMicroelectronics STV3550 Datasheet HTML 57Page - STMicroelectronics STV3550 Datasheet HTML 58Page - STMicroelectronics STV3550 Datasheet HTML 59Page - STMicroelectronics STV3550 Datasheet HTML 60Page - STMicroelectronics STV3550 Datasheet HTML 61Page - STMicroelectronics STV3550 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 144 page
background image
58/144
STV3550
Output Stage
Obviously, the value of the DELAY_RISE and DELAY_FALL values must be compatible with the
GFX_ACTIVE signal waveform. For example, if DELAY_RISE = 0111 and DELAY_FALL = 0000,
the ninimum duration of the high level of the GFX_ACTIVE signal must be 10 CLK_DAC clock
cycles.
0011
CSA Stage Number - 4 clock cycles
0011
CSA Stage Number - 4 clock cycles
0100
CSA Stage Number - 3 clock cycles
0100
CSA Stage Number - 3 clock cycles
0101
CSA Stage Number - 2 clock cycles
0101
CSA Stage Number - 2 clock cycles
0110
CSA Stage Number - 1 clock cycle
0110
CSA Stage Number - 1 clock cycle
0111 (Standard)
CSA Stage Number
0111 (Standard)
CSA Stage Number
1000
CSA Stage Number + 1 clock cycle
1000
CSA Stage Number + 1 clock cycle
1001
CSA Stage Number + 2 clock cycles
1001
CSA Stage Number + 2 clock cycles
1010
CSA Stage Number + 3 clock cycles
1010
CSA Stage Number + 3 clock cycles
1011
CSA Stage Number + 4 clock cycles
1011
CSA Stage Number + 4 clock cycles
1100
CSA Stage Number + 5 clock cycles
1100
CSA Stage Number + 5 clock cycles
1101
CSA Stage Number + 6 clock cycles
1101
CSA Stage Number + 6 clock cycles
1110
CSA Stage Number + 7 clock cycles
1110
CSA Stage Number + 7 clock cycles
1111
CSA Stage Number + 8 clock cycles
1111
CSA Stage Number + 8 clock cycles
Table 15: Delay on Rising/Falling Edges of GFX_ACTIVE Signal
DELAY_RISE
Delay Value
DELAY_FALL
Delay Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com