Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 74Page - STMicroelectronics STV3550 Datasheet HTML 75Page - STMicroelectronics STV3550 Datasheet HTML 76Page - STMicroelectronics STV3550 Datasheet HTML 77Page - STMicroelectronics STV3550 Datasheet HTML 78Page - STMicroelectronics STV3550 Datasheet HTML 79Page - STMicroelectronics STV3550 Datasheet HTML 80Page - STMicroelectronics STV3550 Datasheet HTML 81Page - STMicroelectronics STV3550 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
78/144
STV3550
CPU and System Management Functional Description
6.3.11.4 Mixed Configuration with two SDRAM Devices
This configuration is able to implement low-cost and high-end solutions on the same printed circuit
board as described in previous sections.
This configuration is dedicated for the development of universal TV chassis boards that suit several
types of hardware and software applications. It can also be used for a development board.
This configuration requires two SDRAM footprints with 16 data lines each.
One SDRAM device is connected to the upper half of the data bus, while the other device is
connected to the lower half. The Flash memory shares the lower half of the data bus with one of the
SDRAM devices.
Figure 50: High-End Configuration using 2 SDRAM Devices
ADDR[19:0]
DATA[15:0]
CS
OE
WE
A[11:0]
DQ[15:0]
CS
RAS
CAS
FLASH
16Mb
WE
DQM[1:0]
SDRAM
64Mb
STV3550
NOT_CS_FLASH
ADDR[19:0]
FLASH_D[15:0]
NOT_RAS
NOT_CAS
RD_NOT_WR
NOT_BE[1:0]
CKOUT_SDRAM
SDRAM_D[15:0]
NOT_CS_SDRAM
[19:0]
[12:1]
[15:0]
CLK
BA[1:0]
[16:15]
CKEN
CKIN_SDRAM
[19:18]
A[11:0]
DQ[15:0]
CS
RAS
CAS
WE
DQM[1:0]
SDRAM
64Mb
CLK
BA[1:0]
CKEN
[12:1]
[16:15]
LSBs of Data
MSBs of Data
[19:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com