Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
Graphics Functional Description
STV3550
49/144
4.1.5.1 Pixel Mixing Mode
In Pixel Mixing mode, the only mixing factor applied is the Alpha mixing factor parameter (Alpha[7:0])
programmed in the CLUT.
4.1.5.2 Global Mixing Mode
In Global Mixing mode, the mixing factor applied is the Mix-Weight parameter (MiW[7:0])
programmed in the header. These bits define the mixing factor (transparent level) for each OSD
region used for blending the OSD and video signals. This mixing value is applied to the entire OSD
region and the Alpha mixing factor in the CLUT is ignored.
4.1.5.3 Proportional Mixing Mode
In Proportional Mixing mode, the mixing factor is the result of the multiplication or division of the
Alpha mixing factor (Alpha[7:0]) programmed in the CLUT by the Mix-Gain parameter (MiGa[8:0])
programmed in the header. The Mix-Gain bits define the offset applied to the mixing factor (the
transparent level) for each pixel of one OSD region. In this mode, if the MSB bit (MiGa[8]) is set, the
operation is multiplication. If reset, the operation is division.
Note:
Due to the GAMMA specification, the Alpha[7:0] range is from 0 to 128 in decimal (00h is
transparent, 80h is full OSD). All values greater than 80h (from 81h to FFh) are clamped to 80h.
4.1.5.4 No Mixing Mode
In No Mixing mode, the mixing factor is the full OSD. The Alpha mixing factor (Alpha[7:0])
programmed in the CLUT is ignored.
4.2
2D Graphics Accelerator
A 2D Graphics Accelerator can be used to speed-up the re-location and display of graphic images.
This function will automatically generate the desired link list required to move an image block from
one position to another in order to accelerate data transfers in memory.
This module reads a block from one area of the memory, processes this block (a process could be
a simple copy), and writes the result in an other area. Memory addresses can be byte-aligned.
The copying is managed by a DMA engine which alleviates the CPU load.
To perform a 2D block move (with or without processing), the module must be initialized with the
source and destination start addresses, the width and the height of the block and the source and
destination skip value. (The skip value is equal to the number of columns of the region minus the
width.) SKIP_SOURCE and SKIP_DEST data can be specified and their values can be different.
10
Proportional Mixing mode
11
No Mixing mode
MiGa[8]
MiGa[7:0]
Description
0
XXh
Alpha[7:0] is divided by MiGa[7:0]/128
1
XXh
Alpha[7:0] is multiplied by MiGa[7:0]
Table 13: Mixing Modes
MiMo[1:0]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com