Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
40/144
STV3550
Graphics Functional Description
(or OSD specification) stored in the SDRAM is defined in bits FSA[31:0] in the First Specification
Address register.
Each block (Header, Palette and Bitmap Data) defines one field of one OSD region and must be
contiguous. Each block and its first bitmap pixel address must be aligned on a 32-bit boundary in
the SDRAM.
The line numbers used to define the top and bottom lines of an OSD region are the internal (field)
line numbers illustrated in Figure 29. The same OSD specification may be used for both fields in a
single frame.
Field Storage Formats
OSD planes can be stored in a field-based format with an OSD top field and an OSD bottom field,
or using a frame-based format.
If the bitmap is stored in frame-based format, it can be read as top and bottom fields using the Pitch
function. Using pointers Topp[31:0] and Bottomp[31:0], the top field block and the bottom field block
can be the same (e.g. it can be used for Simple Character mode). In this case, the data in the Top
Field is the same as in the Bottom Field.
Figure 29: Linked List Structure for OSD Data
OSD1
Decoded Image
OSD1 Bottom Field Block
Header 1
STOP, if Stop Linked Lists bit is set.
OSDp[31:0]
OSDp[31:0]
Bottomp[31:0]
Bottomp[31:0]
Bottomp[31:0]: Bottom Field Block Pointer of the current OSD region
OSDp[29:0]: Next OSD region specification pointer
Palette
Palette
Topp[31:0]
Topp[31:0]
Topp[31:0]: Top Field Block Pointer of the current OSD region
First Specification Address register
Palettep[31:0]
Palettep[31:0]
Bottomp[31:0]
Topp[31:0]
Header 3
Header 2
OSD1 Top Field Block
OSD2 Bottom Field Block
OSD2 Top Field Block
OSD3 Bottom Field Block
OSD3 Top Field Block
OSD2
OSD3
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com