Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 69Page - STMicroelectronics STV3550 Datasheet HTML 70Page - STMicroelectronics STV3550 Datasheet HTML 71Page - STMicroelectronics STV3550 Datasheet HTML 72Page - STMicroelectronics STV3550 Datasheet HTML 73Page - STMicroelectronics STV3550 Datasheet HTML 74Page - STMicroelectronics STV3550 Datasheet HTML 75Page - STMicroelectronics STV3550 Datasheet HTML 76Page - STMicroelectronics STV3550 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
CPU and System Management Functional Description
STV3550
73/144
6.3.9.2 SDRAM Requirements
Time is expressed in number of STV3550 system clock cycles, with the SDRAM clock being the
same as the STV3550 system clock.
●
SDRAM size between 16Mbit and 256 Mbit
●
2 or 4 DRAM banks per SDRAM device
●
up to 4096 pages per DRAM bank
●
128 to 4096 data word per page
●
16 bits or 32 bits data word size
●
RAS to CAS between 1 and 8 cycles
●
CAS latency between 1 and 8 cycles
●
Write Recovery Time between 1 and 7 clock cycles
●
Precharge Time between 1 and 16 cycles
●
Refresh Period between 8 and 4096 cycles
●
Refresh Time between 1 and 32 cycles
●
Bus Release Time between 1 and 4 cycles
●
Burst Length of 1 and Sequential Burst Capability
●
SDRAM access cycle frequency up to 100 MHz
Table 20: SDRAM Commands
Command
Strobes state
Mode bits
Address
Notes
NOT_RAS
NOT_CAS
RD_NOT_
WR
Bank Select
(ADDR[16],
ADDR[15])
ADDR[10]
AP1
1. Address bit 10 is also known as the Auto Precharge bit.
ADDR
[11:0]
Precharge
all
0
1
0
X
1
X
Used to close pages after
a burst in simple page
mode.
Row
Activate
0
1
1
1/0
1/0
Row
addresses
Opens a page (Row
active)
Write
100
1/0
0
Column
addresses
Writes data words (uses
NOT_BE to mask data
bytes)
Read
1
0
1
1/0
0
Col addr
Reads data words
Mode
Register
Set
0
0
0
1/0
1/0
Mode data
Done once only at
start -up
CBR
Refresh
0
0
1
X
X
X
CBR style refresh (Auto
Refresh)
No
Operation
1
1
1
X
X
X
NOP is performed
between commands
such as Row Activate
and Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com