Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 144 page
background image
20/144
STV3550
Video Functional Description
3
Video Functional Description
3.1
Standard Definition Input (SDIN)
The Standard Definition Input (SDIN) processes video signals before their storage in the external
SDRAM. The SDIN includes the following features and functions:
●
4:2:2 D1 Input Stream De-multiplexing including ancillary data extraction
●
Horizontal and Vertical Decimation by 2 and 4 with horizontal and vertical anti-aliasing filters
(with programmable coefficients)
●
3D-Temporal Noise Reduction based on a proprietary ST algorithm
●
Noise Level Estimator used to control the 3D-TNR through a software loop
●
Motion Estimator to perform film mode detection or scene change detection through a software
loop
3.1.1
System Description
3.1.1.1 D1 Interface
The D1 interface extracts the luma and chroma pixels from the 8-bit data stream as well as the
ancillary data embedded in the horizontal and vertical blanking interval (VBI). This data includes VBI
data such as Teletext, Closed Caption, WSS, VPS, etc... and sync pulses for horizontal and vertical
synchronization.
Figure 7: SDIN Block Diagram
VSYNC
STBus Interface
anc_data
anc_data
D1H/V
Y
Cr/Cb
Cr/Cb
Yn in
Cr/Cb
Yn
Yn-1
Yn-2
YCrCb
CLK_DATA
HSYNC
D1
Interface
H/V
Filter
Decimation
by 2 and 4
3D-TNR
Noise
Level
Estimator
Level
Motion
Estimator
Interrupts
Synchronization
H50
V50
Field Parity
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com