Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 144 page
background image
Video Functional Description
STV3550
23/144
The following table shows typical de-interlacing modes, according to the input format:
Note:
720 pixels/line refers to ITU-R BT 601/656 video input standard resolution.
3.2.3
Regulation Modes
The regulation modes of the input and output dataflows are based on the configurations of several
blocks such as the SDIN, VTG, Display, and also depends on the selected synchronization modes.
These regulation modes are then managed by a software layer that controls the various registers
and includes algorithms to maintain the balance between the input and output dataflows. This
service software layer allows various regulation modes as described below, selectable at the
application level.
When the VTG block is set in Slave mode, the PLL that line-locks the clock pixel to the Hsync signal
is used to regulate the input and output dataflows.
When the VTG block is set in Master mode, the following regulation modes are possible:
1. Frame Skip & Repeat Mode (used for Proscan mode)
In this mode, depending on the speed variations between the input flow and the output flow, a
frame is repeated or skipped from time to time (1 to 2 per second).
2. Field Skip & Repeat Mode (used for field rate up-conversion as 100 Hz)
In this mode, depending on the speed variations between the input flow and the output flow, a
field is repeated or skipped from time to time (1 to 2 per second).
3. Line Skip & Repeat Mode
In this mode, certain lines are repeated or skipped during the VBI, depending on the delay
between the input and output Vsync signals.
4. Pixel Skip & Repeat Mode
In this mode; pixel periods are repeated or skipped during the horizontal or vertical blanking
interval, depending on the delay between each Vsync signal.
Table 8: De-interlacing and Scaling Modes
INPUT
Panels &
Output
modes
50 Hz
interlaced
Video
50 Hz
interlaced
movie
50 Hz
n-interlaced
game
60 Hz
interlaced
Video
60 Hz
interlaced
movie (3:2)
60 Hz
interlaced
movie (2:2)
60 Hz
n-interlaced
game
VGA
A+A*B*+B
Or
A+Med (A,B)
Z out H
720>640
Z out V
576>480
A+B
Z out H
720>640
Z out V
576>480
A+A*B*+B
Or
A+Med (A,B)
Z out H
720>640
Z out V
576>480
A+A*B*+B
Or
A+Med (A,B)
Z out H
720>640
Z out V
576>480
3:2pd
Z out H
720>640
Z out V
576>480
A+B
Z out H
720>640
Z out V
576>480
A+A*B*+B
Or
A+Med (A,B)
Z out H
720>640
Z out V
576>480
XGA
A+A*B*+B
Or
A+Med (A,B)
Z in H
720>1024
Z in V
576>768
A+B
Z in H
720>1024
Z in V
576>768
A+A*B*+B
Or
A+Med (A,B)
Zin H
720>1024
Z in V
576>768
A+A*B*+B
Or
A+Med (A,B)
Zin H
720>1024
Z in V
576>768
3:2pd
Zin H
720>1024
Z in V
576>768
A+B
Zin H
720>1024
Z in V
576>768
A+A*B*+B
Or
A+Med (A,B)
Zin
H720>1024
Z in V
576>768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com