Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 95Page - STMicroelectronics STV3550 Datasheet HTML 96Page - STMicroelectronics STV3550 Datasheet HTML 97Page - STMicroelectronics STV3550 Datasheet HTML 98Page - STMicroelectronics STV3550 Datasheet HTML 99Page - STMicroelectronics STV3550 Datasheet HTML 100Page - STMicroelectronics STV3550 Datasheet HTML 101Page - STMicroelectronics STV3550 Datasheet HTML 102Page - STMicroelectronics STV3550 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
STV3550
99/144
The connections between the SSC2 ports and the relevant PIO pads are shown in Figure 63.
The pad control block inside the SSC2 determines which of the serial_data_in ports is used to read
data from (depending on the master or slave mode). It also determines which of the serial_data_out
ports to write data to (depending on the master or slave mode).
The deselected serial_data_out port is driven to ground (except in I²C mode when it is driven high).
Therefore the user must ensure that the relevant PIO pad output enable is turned off depending on
the master/slave status of the SSC.
It is up to the user to ensure that the PIO pads are configured correctly for direction and output
driver type (e.g. push/pull or open drain).
Throughout the rest of this document the data in and out ports will be referred to as
“serial_data_out” and “serial_data_in”, where this is assumed to be the correct pair of pins
dependent on the master or slave mode of the SSC2.
7.7.4
Clock Generation
If the SSC2 is configured to be the bus master, then it will generate a serial clock signal on the
serial_clock_out port.
The clock signal can be controlled for polarity and phase and its period (baud rate) can be set to a
variety of frequencies.
For I²C operation there are also a number of additional clocking features. These are described in
Section 7.7.16: I²C Operation.
7.7.5
Clock Control
In master mode, the serial clock, SCL, is generated by the SSC2 according to the setting of the
phase, SSCPH, and polarity, SSCPO bits in the control register.
The polarity bit, SSCPO, defines the logic level the clock idles at i.e. when the SSC2 is in master
mode, but is between transactions. A polarity bit of 1 indicates an idle level of logic 1, 0 indicates
idle of logic 0.
Figure 63: PIO Pad Connections To SSC2
serial_clock_in
serial_clock_out
serial_data_in
alt_data_out<Y>
alt_data_out<X>
data_from_pads<Y>
data_from_pads<X>
SCL
SDA
output_enable<Y>
output_enable<X>
PIO
serial_data_out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com