Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
Graphics Functional Description
STV3550
43/144
Color Characteristics
The address in the OSD Color Look-Up-Table (CLUT) (not in the SDRAM), where the color
defined in the palette of the current specification and pointed to by Palettep[31:0] will be loaded, is
defined in bits CLUTAdd[7:0]. If the New Palette bit is reset, these bits are ignored.
The number of colors which will be loaded in the OSD CLUT is defined in bits NCL[7:0]. The OSD
CLUT can contain up to 256 colors. For more information, refer to Section 4.1.4.2: Color Data on
page 46
.
Note:
When NCL[7:0] = 00h, one color will be loaded.
Each region may have its own palette, with its own number of colors (these colors will be loaded in
the OSD CLUT before displaying the bitmap). If a sequence of regions uses the same palette, the
palette need only be defined in the first region of the sequence. If a region only uses a part of the
colors defined in the palette of the previous region, the unused colors from the previous palette can
be reprogrammed for the current region in the OSD CLUT.
Mixing Characteristics
Four different modes may be applied to RGB components for mixing OSD and video signals: Pixel
Mixing mode, Global Mixing mode (mixing factor defined in Mix-Weight bits), Proportional
Mixing mode (mixing factor defined in Mix-Gain bits) and No Mixing mode (full OSD). The mixing
mode is specified in bits MiMo[1:0]. For more information, refer to Section 4.1.5: Mixing OSD and Video
Signals on page 48
Filter Mode
Flicker problems may occur inside an OSD when there is a significant difference in the color
between pixels in a top line and those of its surrounding bottom lines (e.g. if one object is visible in
one line and not in its surrounding lines).
Figure 32: OSD Region Positions
TV Screen
Y_top
Y_Bottom
X_right
X_left
Hsync
OSD Region
N Pixel Clock Periods
Horizontal Shift
Vsync
Vertical Shift “X” TV lines
N’ TV lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com