Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 93Page - STMicroelectronics STV3550 Datasheet HTML 94Page - STMicroelectronics STV3550 Datasheet HTML 95Page - STMicroelectronics STV3550 Datasheet HTML 96Page - STMicroelectronics STV3550 Datasheet HTML 97Page - STMicroelectronics STV3550 Datasheet HTML 98Page - STMicroelectronics STV3550 Datasheet HTML 99Page - STMicroelectronics STV3550 Datasheet HTML 100Page - STMicroelectronics STV3550 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
STV3550
97/144
7.7
Inter Integrated Circuit Bus (I²C)
The SSC2 is a high-speed synchronous serial interface which can be used to interface to a wide
variety of serial memories, remote control receivers, and other microcontrollers.
There are a number of serial interface standards for these. The SSC2 supports the I²C bus. The
general programmable features should also allow it to interface to other serial bus standards.
The SSC2 supports full-duplex and half-duplex synchronous communication when used in
conjunction with the PIO for output and input pad control.
It uses a 2 PIO pad interface: serial clock “SCLK”, serial data in/out “SDA”. These PIO pads are
connected to the SSC2 clock/data interface pins in a configuration which allows their direction to be
changed when in master or slave mode (see Section 7.7.3: PIO Pad Connection & Control).
The serial clock signal is either generated by the SSC2 (in master mode) or received from an
external master (in slave mode). The output and input data is synchronized to the serial clock.
The following features are programmable: baud rate, data width, shift direction (heading control),
clock polarity and clock phase.
The I²C features include: multi-master arbitration, acknowledge generation, start/stop condition
generation/detection and clock stretching. These allow software to fully implement all aspects of the
standard e.g. master and slave mode, multi-master mode, 10 bit addressing and fast mode.
7.7.1
Basic Features
Each STV3550 I2C cell has the following features:
●
Possibility of swapping SCL and SDA lines,
●
Selection one SCL, SDA couple between two choices,
●
Each STV3550 I²C cell can be connected to four I²C buses.
7.7.2
Functional Description
The basic architecture of the SSC2 is shown in Figure 62.
Control of the direction, as an input, output or bi-directional, of the SCL and SDA pins is done in
software by configuring the PIO pads.
The SSC2 itself has clock in/out and data in/out pins for connection to all 2 pads and a pin control
block which selects the relevant data input and output according to the master or slave mode set
(see Section 7.7.3: PIO Pad Connection & Control).
The serial_clock_out signal is programmable in master mode for baud rate, polarity and phase. This
is described in Section 7.7.4: Clock Generation.
The SSC2 works by taking the data frame (2 to 16 bits) from a transmission buffer and placing it into
a shift register. It then shifts the data at the serial_clock frequency out of the serial_data_out pin and
synchronously shifts in data coming from the serial_data_in pin. The number of bits and the
direction of shifting (MSB or LSB first) are programmable. This is described in Section 7.7.6: Shift
Register.
After the data frame has been completely shifted out of the shift register it transfers the received
data frame into the receive buffer. The transmit and receive buffers are described in Section
7.7.9: Transmit & Receive Buffers.
The SSC2 is therefore double buffered. This allows back-to-back transmission and reception of
data frames up to the speed that interrupts can be serviced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com