Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
46/144
STV3550
Graphics Functional Description
4.1.4.2 Color Data
Each color in the CLUT is defined using the RGB color elements and a mixing factor which
determines the overlaying effect of the OSD.
Pitch[12:0]
13
Pitch Value (Max. number of pixels which will be displayed on a TV line)
0000h:
1FFFh:
Y_top[10:0]
11
Top Position of the OSD Region (in number of TV scan lines).
000h:
7FFh:
Y_bottom[10:0]
11
Bottom Position of the OSD Region (in number of TV scan lines).
000h:
7FFh:
X_left[11:0]
12
Left Position of the OSD Region (in number of pixel clock periods).
000h:
FFFh:
X_right[11:0]
12
Right Position of the OSD Region (in number of pixel clock periods).
000h:
FFFh:
Palettep[31:0]
32
Palette Pointer
00000000h:
FFFFFFFFh:
Topp[31:0]
32
Top Field Block Pointer
00000000h:
FFFFFFFFh:
Bottomp[31:0]
32
Bottom Field Block Pointer
00000000h:
FFFFFFFFh:
OSDp[31:0]
32
Next OSD Region Specification Pointer.
00000000h:
FFFFFFFFh:
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987
6543
210
R[7:0]
G[7:0]
B[7:0]
Alpha[7:0]
Table 12: : Palette Line Format in 32-bit Color
Bitfield
Bits
Description
R[7:0]
8
Red Color value
00h:
FFh:
G[7:0]
8
Green Color value
00h:
FFh:
B[7:0]
8
Blue Color value
00h:
FFh:
Table 11: OSD Header Characteristics
Bitfield
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com