Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 110Page - STMicroelectronics STV3550 Datasheet HTML 111Page - STMicroelectronics STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
114/144
STV3550
The arbitration scheme does not affect the data transmitted by the winning master. Consequently,
arbitration proceeds concurrently with data transmission and valid data will have been received by
the selected slave during the arbitration process.
It is possible that the winning master is actually addressing the losing master and hence this device
must respond as if it were a slave device.
Arbitration is implemented in hardware by comparing the transmitted and received data bits every
cycle.
Loss of arbitration is indicated by the setting of the SSCARBL, arbitration lost error flag in the status
register. An interrupt will also occur if the SSCARBLEN bit is set in the interrupt enables register.
Loss of arbitration also causes a clock stretch to be inserted. The interrupt and the clock stretch will
occur immediately after the 8 bits plus acknowledge.
The arbitration lost status and interrupt will be cleared by a read of the status register.
The clock stretch is cleared when the software writes to the transmit buffer.
7.7.25 I²C Timing Specification
The I²C specification defines a number of timing constraints which must be met on the output clock
and data pins. The key values which must be met are described in Table 24.
Table 24: Key I²C Timing Requirements
Parameter
MIN
MAX
SCL Clock Frequency
100KHZ or 400KHz1
1. In FAST Mode
Hold Time of SCL after SDA START or REPSTART Condition.
After this time the first clock low pulse is created
1.0us or
0.6us
1
LOW Period of the SCL clock
4.7us or
1.3us
2
HIGH period of the SCL clock
4.0us or
0.6us
1
SDA Set-up time relative to SCL for a repeated START condition
4.6us or
0.6us
1
SDA Data Hold Time relative to SCL
300ns2
2. Actual requirement is 0ns but hold time must be at least 300ns on SDA line to comply with
uncertain period of max fall time of 300ns on the SCL line.
SDA Data Setup Time relative to SCL
250ns or
100ns3
Rise time of SDA and SCL lines
20+0.1Cb
4
100ns or 300ns
1
Fall time of SDA and SCL lines
20+0.1Cb
3
300ns
SDA Setup time relative to SCL for a STOP condition
4.0us or
0.6us
1
Capacitive load of each bus line (Cb)
400pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com