Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
116/144
STV3550
7.8
Asynchronous Serial Controller (ASC)
The Asynchronous Serial Controller, also referred to as the UART interface, provides serial
communication between the STV3550 and other microcontrollers, microprocessors or external
peripherals.
Eight or nine bit data transfer, parity generation, and the number of stop bits are programmable.
Parity, framing, and overrun error detection is provided to increase the reliability of data transfers.
Transmission and reception of data can simply be double-buffered, or 16-deep FIFOs may be used.
Handshaking is supported on both transmission and reception. For multiprocessor communication,
a mechanism to distinguish the address from the data bytes is included. Testing is supported by a
loop-back option. A dual mode 16-bit baud rate generator provides the ASC with a separate serial
clock signal.
The ASC supports full-duplex asynchronous communication, where both the transmitter and the
receiver use the same data frame format and the same baud rate. Data is transmitted on the
transmit data output pin TxD and received on the receive data input pin RxD.
The registers for the ASC are grouped in a 4 Kbyte block, with the base of the block for ASC
number n at the address ASCnBaseAddress. The value of each ASCnBaseAddress is given in the
register information at the back of this chapter.
7.8.1
Control
The ASC_n_control register controls the operating mode of the ASC. It contains control and
enable bits, error check selection bits, and status flags for error identification.
Serial data transmission or reception is only possible when the baud rate generator run bit (Run) is
set to 1. When the Run bit is set to 0, TxD will be 1. Setting the Run bit to 0 will immediately freeze
the state of the transmitter and receiver and should only be done when the ASC is idle.
Note: Programming the mode control field (Mode) to one of the reserved combinations may result
in unpredictable behavior.
The ASC can be set to use either double-buffering or a 16-deep FIFO on transmission and
reception.
7.8.1.1 Resetting the FIFOs
The ‘registers’ ASC_n_TxReset and ASC_n_RxReset have no actual storage associated with
them. A write of any value to one of these registers resets the corresponding FIFO.
7.8.1.2 Transmission and Reception
Serial data transmission or reception is only possible when the baud rate generator run bit (Run) is
set to 1. A handshaking protocol is supported on both transmission and reception, using CTS and
RTS signals.
A transmission is started by writing to the transmit buffer register ASC_n_TxBuffer. Because data
transmission is double-buffered or uses a FIFO (selectable in the ASC_n_Control register), a new
character may be written to the transmit buffer register before the transmission of the previous
character is complete. This allows characters to be sent back-to-back without gaps.
Data reception is enabled by the receiver enable bit (RxEnable) in the control register. After
reception of a character has been completed, the received data and, if provided by the selected
operating mode, the parity error bit, can be read from the receive buffer register ASC_n_RxBuffer.
Reception of a second character may begin before the received character has been read out of the
receive buffer register. The overrun error status flag (OverrunError) in the status register
ASC_n_Status will be set when the receive buffer register has not been read by the time reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com