Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics STV3550 Datasheet HTML 123Page - STMicroelectronics STV3550 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 144 page
background image
120/144
STV3550
Reception is stopped by clearing the RxEnable bit of ASC_n_Control. Any currently received
frame is completed including the generation of the receive status flags. Start bits that follow this
frame will not be recognized.
7.8.4.1 Hardware Error Detection
To improve the safety of serial data exchange, the ASC provides three error status flags in the
ASC_n_Status register which indicate if an error has been detected during reception of the last
data frame and associated stop bits.
The parity error bit (ParityError) in the ASC_n_Status register is set when the parity check on
the received data is incorrect
In FIFO operation parity errors on the buffers are OR-ed to yield a single parity error bit.
The framing error bit (FrameError) in the ASC_n_Status register is set when the RxD pin is
not a 1 during the programmed number of stop bit times (see section 7.8.4)
In FIFO operation the bit remains set while at least one of the entries has a frame error.
The overrun error bit (OverrunError) in the ASC_n_Status register is set when the input buffer
is full and a character has not been read out of the ASC_n_RxBuffer register before reception
of a new frame is complete
These flags are updated simultaneously with the transfer of data to the receive input buffer.
Frame and Parity Errors
The most significant bit (bit 9 of 0-9) of each input entry records whether or not there was a frame
error when that entry was received (i.e. one of the effective stop bit values was ‘0’). The
FrameError bit of the ASC_n_Status register is set when the input buffer (double-buffered
operation), or at least one of the valid entries in the input buffering (FIFO-controlled operation), has
its most significant bit set.
If the mode is one where a parity bit is expected, then the next bit (bit 8 of 0-9) records whether
there was a parity error when that entry was received. It does not contain the parity bit that was
received. For 7-bit+parity data frames the parity error bit is set in both the eighth (bit 7 of 0-9) and
the ninth (bit 8 of 0-9) bits. The ParityError bit of ASC_n_Status is set when the input buffer
(double-buffered operation), or at least one of the valid entries in the input buffering (FIFO-
controlled operation), has bit 8 set.
When receiving 8-bit data frames without parity (see section 7.8.2.1), the ninth bit of each input
entry (bit 8 of 0-9) is undefined.
7.8.4.2 Input Buffering Modes
FIFO Enabled Reception
The FIFOs are enabled by setting the FifoEnable bit of the ASC_n_Control register. The input
FIFO is implemented as a 16-deep array of 10-bit vectors (each 9 down to 0). If the input FIFO is
empty i.e. no entries are present, the RxBufFull bit of the ASC_n_Status register is set to ‘0’. If one
or more FIFO entries are present, the RxBufFull bit of the ASC_n_Status register is set to 1. If the
input FIFO is not empty, a read from ASC_n_RxBuffer will get the oldest entry in the input FIFO.
The RxHalfFull bit of the ASC_n_Status register is set when the input FIFO contains more than 8
characters. Writing anything to ASC_n_RxReset empties the input FIFO. As soon as the effective
value of the last stop bit has been determined, the content of the input shift register is transferred to
the input FIFO (except during wake-up mode, in which case this happens only if the wake-up bit, bit
8, is a ‘1’). The receive circuit then waits for the next falling edge transition at the RxD pin.
The OverrunError bit of the ASC_n_Status register is set when the input FIFO is full and a
character is loaded from the input shift register into the input FIFO. It is cleared when the
ASC_n_RxBuffer register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com