Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 122 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics STV3550 Datasheet HTML 123Page - STMicroelectronics STV3550 Datasheet HTML 124Page - STMicroelectronics STV3550 Datasheet HTML 125Page - STMicroelectronics STV3550 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 144 page
background image
122/144
STV3550
7.8.5.1 Baud Rates
The baud rate generator provides an internal oversampling clock at 16 times the external baud rate.
This clock only ticks if the Run bit of the ASC_n_Control register is set to 1. Setting this bit to 0 will
immediately freeze the state of the ASCs transmitter and receiver.
Mode 0
When the BaudMode bit in the ASC_n_Control register is set to 0, the baud rate and the required
reload value for a given baud rate can be determined by the following formula:
where: ASCBaudRate represents the content of the ASC_n_BaudRate reload value register, taken
as an unsigned 16-bit integer and fCPU is the frequency of the CPU.
The baud rate counter is clocked by the subsystem clock. It counts downwards and can be started
or stopped by the Run bit in the ASC_n_Control register. Each underflow of the timer provides one
oversampling baud rate clock pulse. The counter is reloaded with the value stored in its 16-bit
reload register each time it underflows.
Writes to the ASC_n_BaudRate register update the reload register value. Reads from the
ASC_n_BaudRate register return the current value of the counter.
Mode 1
When the BaudMode bit in the ASC_n_Control register is set to 1, the baud rate is controlled by
the following circuit:
Writes to ASC_n_BaudRate go to the reload register. Reads from ASC_n_BaudRate return the
value in the accumulator register. Both registers are 16 bits wide and are clocked by the subsystem
clock.
If the system clock frequency is fCPU, writing a value of ASCBaudRate to the ASC_n_BaudRate
register results in an average oversampling clock frequency of:
so the baud rate is given by:
BaudRate =
16 x ASCBaudRate
ASCBaudRate =
16 x BaudRate
fCPU
fCPU
ASCBaudRate
Carry-out
Oversampling Clock
(Reload)
ASCBaudRate
(Accumulator)
fCPU
216
ASCBaudRate x fCPU
BaudRate =
16 x 216
ASCBaudRate x fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com