Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics STV3550 Datasheet HTML 123Page - STMicroelectronics STV3550 Datasheet HTML 124Page - STMicroelectronics STV3550 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
STV3550
121/144
After changing the FifoEnable bit, it is important to reset the FIFO to empty by writing to the
ASC_n_RxReset register; otherwise the state of the FIFO pointers may be garbage.
Double-buffered Reception
Double-buffered operation is enabled and the FIFOs disabled by writing 0 to the FifoEnable bit of
the ASC_n_Control register. This mode can be seen as equivalent to a FIFO-controlled operation
with a FIFO of length 1 (the first FIFO vector is in fact used as the buffer). When the last stop bit has
been received (at the end of the last programmed stop bit period) the content of the receive shift
register is transferred to the receive data buffer register (ASC_n_RxBuffer). The receive buffer full
flag (RxBufFull) is set, and the parity (ParityError) and framing error (FrameError) flags are
updated at the same time, after the last stop bit has been received, i.e. at the end of the last stop bit
programmed period. The flags are updated even if no valid stop bits have been received. The
receive circuit then waits for the next falling edge transition at the RxD pin.
7.8.4.3 Time-out Mechanism
The ASC contains an 8-bit time-out counter. This reloads from ASC_n_Timeout whenever one or
more of the following is true:
ASC_n_RxBuffer is read
the ASC is in the middle of receiving a character
ASC_n_Timeout is written to
If none of these conditions hold the counter decrements towards 0 at every baud rate tick.
The TimeoutNotEmpty bit of the ASC_n_Status register is ‘1’ when the input FIFO is not empty
and the time-out counter is zero.
The TimeoutIdle bit of the ASC_n_Status register is ‘1’ when the input FIFO is empty and the time-
out counter is zero.
The effect of this is that whenever the input FIFO has got something in it, the time-out counter will
decrement until something happens to the input FIFO. If nothing happens, and the time-out counter
reaches zero, the TimeoutNotEmpty bit of the ASC_n_Status register will be set.
When the software has emptied the input FIFO, the time-out counter will reset and start
decrementing. If no more characters arrive, when the counter reaches zero the TimeoutIdle bit of
the ASC_n_Status register will be set.
7.8.5
Baud Rate Generation
Each ASC has its own dedicated 16-bit baud rate generator with 16-bit reload capability. The baud
rate generator has two possible modes of operation.
The ASC_n_BaudRate register is the dual-function baud rate generator and reload value register.
A read from this register returns the content of the counter or accumulator (depending on the mode
of operation); writing to it updates the reload register.
If the Run bit of the control register is 1, then any value written in the ASC_n_BaudRate register is
immediately copied to the counter/accumulator. However, if the Run bit is 0 when the register is
written, then the counter/accumulator will not be reloaded until the first subsystem clock cycle after
the Run bit is 1.
The baud rate generator supports two modes of operation, offering a wide range of possible values.
The mode is set via the BaudMode bit in the ASC_n_Control register. Mode 0 is a simple counter
driven by the subsystem clock whereas Mode 1 uses a loop-back accumulator. Mode 0 is
recommended for low baud rates (below 19.2K baud), where its error deviation is low, and Mode 1
is recommended for baud rates above 19.2 K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com