Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 144 page
background image
STV3550
117/144
of a second character is complete. The previously received character in the receive buffer is
overwritten, and the ASC_n_Status register is updated to reflect the reception of the new character.
The loop-back option (selected by the LoopBack bit) internally connects the output of the
transmitter shift register to the input of the receiver shift register. This may be used to test serial
communication routines at an early stage without having to provide an external network.
7.8.2
Data Frames
Data frames may be 8-bit or 9-bit, with or without parity and with or without a wake-up bit. The data
frame type is selected by the setting of the Mode bit field in the control register.
The transmitted data frame consists of three basic elements:
●
The start bit
●
The data field (8 or 9 bits, least significant bit (LSB) first, including a parity bit or wake-up bit, if
selected)
●
The stop bits (0.5, 1, 1.5 or 2 stop bits)
7.8.2.1 8-bit Data Frames
Figure 71 illustrates a 8-bit transmitted data frame. 8-bit frames may use of one of the following
formats:
●
Eight data bits D0-7 (Mode set to 001)
●
Seven data bits D0-6 plus an automatically generated parity bit (Mode set to 011)
Parity may be odd or even, depending on the ParityOdd bit in the ASC_n_Control register. If the
modulo 2 sum of the seven data bits is 1, then the even parity bit will be set and the odd parity bit will
be cleared.
In receive mode the parity error flag (ParityError) will be set if a wrong parity bit is received. The
parity error flag is stored in the 8th bit (D7) of the ASC_n_RxBuffer register.The parity error bit is
set high if there is a parity error.
7.8.2.2 9-bit Data Frames
Figure 72 illustrates a 9-bit transmitted data frame. 9-bit data frames use of one of the following
formats:
●
Nine data bits D0-8 (Mode set to 100)
●
Eight data bits D0-7 plus an automatically generated parity bit (Mode set to 111)
●
Eight data bits D0-7 plus a wake-up bit (Mode set to 101)
Figure 71: 8-bit Tx Data Frame Format
start
bit
D0
D1
D2
D3
D4
D5
D6
8th
bit
(LSB)
1st
stop
bit
2nd
stop
bit
• Data bit (D7)
• Parity bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com