Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 144 page
background image
118/144
STV3550
Parity may be odd or even, depending on the ParityOdd bit in the ASC_n_Control register. If the
modulo 2 sum of the eight data bits is 1, then the even parity bit will be set and the odd parity bit will
be cleared. The parity error flag (ParityError) will be set if a wrong parity bit is received. The parity
error flag is stored in the 9th bit (D8) of the ASC_n_RxBuffer register. The parity error bit is set high
if there is a parity error.
In wake-up mode, received frames are only transferred to the receive buffer register if the ninth bit
(the wake-up bit) is 1. If this bit is 0, no receive interrupt request will be activated and no data will be
transferred.
This feature may be used to control communication in multi-processor systems. When the master
processor wants to transmit a block of data to one of several slaves, it first sends out an address
byte which identifies the target slave. An address byte differs from a data byte in that the additional
ninth bit is a 1 for an address byte and a 0 for a data byte, so no slave will be interrupted by a data
byte. An address byte will interrupt all slaves (operating in 8-bit data plus wake-up bit mode), so
each slave can examine the 8 least significant bits (LSBs) of the received character, which is the
address. The addressed slave will switch to 9-bit data mode, which enables it to receive the data
bytes that will be coming (with the wake-up bit cleared). The slaves that are not being addressed
remain in 8-bit data plus wake-up bit mode, ignoring the data bytes which follow.
7.8.3
Transmission
Transmission begins at the next baud rate clock tick, provided that the Run bit is set and data has
been loaded into the ASC_n_TxBuffer. If the CTSEnable bit is set in the ASC_n_Control register
then transmission only occurs when CTS is high.
The transmitter empty flag (TxEmpty) indicates whether the output shift register is empty. It will be
set at the beginning of the last data frame bit that is transmitted, i.e. during the first system clock
cycle of the first stop bit shifted out of the transmit shift register.
The loop-back option (selected by the LoopBack bit of the ASC_n_Control register) internally
connects the output of the transmitter shift register to the input of the receiver shift register. This
may be used to test serial communication routines at an early stage without having to provide an
external network.
7.8.3.1 Transmission with FIFOs Enabled
The FIFOs are enabled by setting the FifoEnable bit of the ASC_n_Control register. The output
FIFO is implemented as a 16-deep array of 9-bit vectors. Values to be transmitted are written to the
output FIFO by writing to ASC_n_TxBuffer.
The TxFull bit of the ASC_n_Status register is set when the transmit FIFO is considered full, i.e.
when it contains 16 characters. Further writes to ASC_n_TxBuffer will fail to overwrite the most
Figure 72: 9-bit Tx Data Frame Format
start
bit
D0
D1
D2
D3
D4
D5
D6
9th
bit
(LSB)
1st
stop
bit
2nd
stop
bit
• Data bit (D8)
• Parity bit
D7
• Wake-up bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com