Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics STV3550 Datasheet HTML 123Page - STMicroelectronics STV3550 Datasheet HTML 124Page - STMicroelectronics STV3550 Datasheet HTML 125Page - STMicroelectronics STV3550 Datasheet HTML 126Page - STMicroelectronics STV3550 Datasheet HTML 127Page - STMicroelectronics STV3550 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
124/144
STV3550
As shown in Figure 74,TxHalfEmpty is an early trigger for the reload routine, while TxEmpty
indicates the completed transmission of the data field of the frame. Therefore, software using
handshake should rely on TxEmpty at the end of a data block to make sure that all data has really
been transmitted.
For single transfers it is sufficient to use the transmitter interrupt (TxEmpty), which indicates that
the previously loaded data has been transmitted, except for the last bit of a frame.
For multiple back-to-back transfers it is necessary to load the next data before the last bit of the
previous frame has been transmitted. The use of TxEmpty alone would leave just one stop bit time
for the handler to respond to the interrupt and initiate another transmission. Using the output buffer
interrupt (TxHalfEmpty) to signal for more data allows the service routine to load a complete frame,
as ASC_n_TxBuffer may be reloaded while the previous data is still being transmitted.
7.8.6.2 Using the ASC Interrupts when FIFOs are Enabled
To transmit a large number of characters back to back, the driver routine would initially write 16
characters to ASC_n_TxBuffer. Then every time a TxHalfEmpty interrupt fired, it would write 8
Figure 73: ASC Status and Interrupt Registers
AND
RxBufFullIE
TxEmptyIE
ParityErrorIE
FrameErrorIE
OverrunErrorIE
RxBufFull
ParityError
FrameError
OverrunError
OR
ASC interrupt
AND
AND
AND
AND
AND
TimeoutnotEmpty
TimeoutIdle
RxHalfFull
TxFull
AND
AND
AND
TimeoutnotEmptyIE
TimeoutIdleIE
RxHalfFullIE
Nacked
TxEmpty
TxHalfEmpty
TxHalfEmptyIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com