Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics STV3550 Datasheet HTML 123Page - STMicroelectronics STV3550 Datasheet HTML 124Page - STMicroelectronics STV3550 Datasheet HTML 125Page - STMicroelectronics STV3550 Datasheet HTML 126Page - STMicroelectronics STV3550 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
STV3550
123/144
This gives good granularity, and hence low baud rate deviation errors, at high baud rate
frequencies.
7.8.6
Interrupt Control
Each ASC contains two registers that are used to control interrupts, the status register
(ASC_n_Status) and the interrupt enable register (ASC_n_IntEnable). The status bits in the
ASC_n_Status register show the cause of any interrupt. The interrupt enable register allows certain
interrupt causes to be masked. Interrupts will occur when a status bit is 1 (high) and the
corresponding bit in the ASC_n_IntEnable register is 1.
The ASC interrupt signal is generated from the OR of all interrupt status bits after they have been
ANDed with the corresponding enable bits in the ASC_n_IntEnable register, as shown in
Figure 73.
The status bits cannot be reset by software because the ASC_n_Status register cannot be written
to directly. Status bits are reset by operations performed by the interrupt handler:
●
Transmitter interrupt status bits (TxEmpty, TxHalfEmpty) are reset when a character is written
to the transmitter buffer
●
Receiver interrupt status bit (RxBufFull) is reset when a character is read from the receive
buffer
●
ParityError and FrameError status bits are reset when all characters containing errors have
been read from the receive input buffer
●
The OverrunError status bit is reset when a character is read from ASC_n_RxBuffer
7.8.6.1 Using the ASC Interrupts when FIFOs are Disabled (Double-buffered Operation)
The transmitter generates two interrupts; this provides advantages for the servicing software. For
normal operation (i.e. other than the error interrupt) when FIFOs are disabled the ASC provides
three interrupt requests to control data exchange via the serial channel:
●
TxHalfEmpty is activated when data is moved from ASC_n_TxBuffer to the transmit shift
register
●
TxEmpty is activated before the last bit of a frame is transmitted
●
RxBufFull is activated when the received frame is moved to ASC_n_RxBuffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com