Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 112 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics STV3550 Datasheet HTML 110Page - STMicroelectronics STV3550 Datasheet HTML 111Page - STMicroelectronics STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 144 page
background image
112/144
STV3550
If the read/write bit is LOW, indicating a write, then an acknowledge must be generated for the byte,
but the addressed as slave status bit and interrupt are not yet asserted. Instead, the address
comparator will wait for the next data byte and will compare this against the 8 least significant bits of
the slave address register.
If this also matches, then the SSC2 is being addressed, so the second byte is acknowledged and
the addressed as slave bit is set. An interrupt also occurs after the acknowledge bit if the addressed
as slave interrupt enable is set.
On the other hand if the first byte sent had the read/write bit HIGH, then the SSC2 should only
acknowledge if it has previously been addressed and a STOP condition has not yet occurred (i.e.
the master has generated a repeated START condition). In this case the addressed as slave bit is
set here, after the first byte plus acknowledge and an interrupt is generated if the interrupt enable is
set. The second byte in this case will be sent by the SSC2 as this is a read operation.
In all cases if the address does not match, then the SSC2 ignores further data until a STOP
condition is detected.
7.7.21 Clock Stretching
The I²C standard allows slave devices to hold the clock line low if they need more time to process
the data being received (see Section 7.7.18: Clock Synchronization). The SSC2 takes advantage of
this by inserting extended clock low periods. This is done to allow a software device driver to
process the interrupt conditions when in slave mode.
The clock stretching mechanism is used in the following situations:-
1. When the SSC2 has been addressed as a slave device and the interrupt has been enabled.
The clock stretch occurs immediately after the first byte with acknowledge, after a START
condition has occurred (or in the case of 10 bit addressing this might occur after the second
byte plus acknowledge). This gives the software interrupt routine time to initialize for
transmission or reception of data.
2. When the SSC2 is in slave mode and is transmitting or receiving. The clock stretch occurs
immediately after each data byte plus acknowledge. When transmitting, this allows the
software interrupt routine to check that the master has acknowledged before writing the next
data byte into the transmit buffer. If no acknowledge is received, then the software must stop
transmitting bytes. When receiving it allows the software to read the next data byte before the
master starts to send the next one.
3. When the SSC2 loses arbitration. The clock stretch occurs immediately after the current data
byte and acknowledge have been performed. This gives the software time to abort its current
transmission and prepare to retry after the next STOP condition.
Clock stretching is always cleared by a write to the transmit buffer. However, the clock stretch is
only cleared after the required data setup time has expired, otherwise the new transmit buffer data
may affect the value on the data line close to the clock edge.
If a clock stretching event occurs but no relevant interrupt is enabled then the clock will be stretched
indefinitely until the next transmit buffer write. Hence it is important that the correct interrupts are
always enabled. There is a clock stretch status bit, SSCCLST, which indicates when clock
stretching is in operation. This will be cleared after the data setup time after the transmit buffer is
written to.
7.7.22 START/STOP Condition Generation
As a master device the SSC2 must generate a START condition before transmission of the first byte
can start. It may also generate repeated START conditions. It must complete its access to the bus
with a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com