Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 105Page - STMicroelectronics STV3550 Datasheet HTML 106Page - STMicroelectronics STV3550 Datasheet HTML 107Page - STMicroelectronics STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics STV3550 Datasheet HTML 110Page - STMicroelectronics STV3550 Datasheet HTML 111Page - STMicroelectronics STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
STV3550
109/144
To perform 10 bit address comparison and address acknowledge generation, the 10 bit addressing
mode bit, SSCAD10 must be set (see Section 7.7.20: Slave Address Comparison).
The clock stretching mechanism is enabled for various interrupt conditions when the I²C control
enable bit, SSCI2CM is set (see Section 7.7.21: Clock Stretching).
To generate a START condition, the I²C START condition generate bit, SSCSTRTG, must be set
(see Section 7.7.22: START/STOP Condition Generation).
To generate a STOP condition, the I²C STOP condition generate bit, SSCSTOPG, must be set (see
Section 7.7.22: START/STOP Condition Generation).
To generate acknowledge bits (i.e. a LOW data bit), after each 8 bit data byte when receiving data,
the acknowledge generation bit, SSCACKG, must be set. When receiving data as a master, this bit
must be reset to 0 before the final data byte is received, thereby signalling to the slave to stop
transmitting (see Section 7.7.23: Acknowledge Bit Generation).
To indicate to the software that various situations have arisen on the I²C-bus, a number of status bits
are provided in the status register, SSCSTAT. In addition, some of these bits can generate interrupts
if corresponding bits are set in the interrupt enable register, SSCIEN.
To indicate that the SSC2 has been accessed as a slave device, the addressed as slave bit,
SSCAAS, is set. This will also cause an interrupt if the SSCAASEN bit is set in the interrupt enable
register.
The interrupt will occur after the SSC2 has generated the address acknowledge bit. In 10 bit
addressing mode, the interrupt will occur after the second byte acknowledge bit, in the situations
where 2 bytes of address are sent, or it will occur after the first byte acknowledge in the situation
where only one byte is required.
Until the status bit is reset, the SSC2 will hold the clock line LOW (see Section 7.7.21: Clock
Stretching). This forces the master device to wait until the software has processed the interrupt.
The status bit and the interrupt are reset by writing to the transmit buffer, SSCTBUF.
To indicate that a STOP condition has been received the STOP condition detected bit, SSCSTOP is
set. This will also cause an interrupt if the SSCSTOPEN bit is set in the interrupt enable register.
The SSCSTOP interrupt and status bit will be reset by a read of the status register, SSCSTAT.
To indicate that the SSC2 has lost the arbitration process, when in a multi-master configuration, the
arbitration lost bit, SSCARBL, is set. This will also result in an interrupt if the SSCARBLEN bit is set
in the interrupt enable register. The interrupt will occur immediately after the arbitration is lost.
Until the status bit is reset, the SSC2 will hold the clock line LOW at the end of the current data
frame, (see Section 7.7.21: Clock Stretching). This forces the winning master device to wait until the
software has processed the interrupt.
The interrupt and status bit will be reset by a read of the status register, SSCSTAT.
To indicate that the I²C-bus is busy (i.e. between a START and a STOP condition), the I²C bus busy
bit, SSCBUSY, is set. This does not generate an interrupt.
7.7.17 Clock Period In I²C Mode
The I²C standard requires that at 400KBits/s the clock low period is longer than the clock high
period. This is performed by adding a constant (based in the system clock frequency) to the clock
low period count and subtracting the count from the clock high period count. This mechanism is
enabled for all frequencies when the SSCI2CM bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com