Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 101Page - STMicroelectronics STV3550 Datasheet HTML 102Page - STMicroelectronics STV3550 Datasheet HTML 103Page - STMicroelectronics STV3550 Datasheet HTML 104Page - STMicroelectronics STV3550 Datasheet HTML 105Page - STMicroelectronics STV3550 Datasheet HTML 106Page - STMicroelectronics STV3550 Datasheet HTML 107Page - STMicroelectronics STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 144 page
background image
STV3550
105/144
Note:
The SSCMS bit is automatically cleared to 0 (slave mode) if the device loses arbitration in a multi-
master environment.
7.7.13 Error Detection
A number of different error conditions can be detected by the SSC2. These are related to the mode
of operation (master or slave, or both).
On detection of any of these error conditions a status flag will be set in the status register,
SSCSTAT. Also, if the relevant enable bit is set in the interrupt enables register, SSCIEN, then an
error interrupt will be generated from the SSC2.
The different error conditions are described below.
Transmit Error
A transmit error can only be generated in slave mode. It indicates that a transfer has been initiated
by a remote master device BEFORE a new transmit data buffer value has been written in to the
SSC2.
In other words the error occurs when old transmit data is going to be transmitted from the slave.
This could cause data corruption in the half-duplex open drain configuration.
The error condition is indicated by the setting of the SSCTE bit in the status register. An interrupt will
be generated if the SSCTEEN bit is set in the interrupt enables register.
The transmit error status bit (and the interrupt, if enabled) is cleared by the next write to the transmit
buffer.
Receive Error
A receive error can be generated in both master and slave modes. It indicates that a new data
frame has been completely received into the shift register and has been loaded into the receive
buffer BEFORE the existing receive buffer contents have been read out.
Consequently, the receive buffer has been overwritten with new data and the old data is lost.
The error condition is indicated by the setting of the SSCRE bit in the status register. An interrupt
will be generated if the SSCREEN bit is set in the interrupt enables register.
The receive error status bit (and the interrupt, if enabled) is cleared by the next read from the
receive buffer.
Phase Error
A phase error can be generated in master and slave modes. It indicates that the data received at
the incoming data pin has changed during the time from one sample before the latching clock edge
and two samples after the edge.
The data at the incoming data pin is supposed to be stable around the time of the latching clock
edge, hence the error condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com