Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 106Page - STMicroelectronics STV3550 Datasheet HTML 107Page - STMicroelectronics STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics STV3550 Datasheet HTML 110Page - STMicroelectronics STV3550 Datasheet HTML 111Page - STMicroelectronics STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
110/144
STV3550
7.7.18 Clock Synchronization
The I²C standard defines how the serial clock signal can be stretched by slow slave devices and
how a single synchronized clock is generated in a multi-master environment. The clock
synchronization among all the devices is performed as follows.
All master devices start generating their low clock pulse when the external clock line goes low (this
may or may not correspond with their own generated high to low transition).
They count out their low clock period and when finished they attempt to pull the clock line to high.
However, if another master device is attempting to use a slower clock frequency, then it will be
holding the clock line low, or if a slave device wants to, it can extend the clock period by deliberately
holding the clock low.
Due to the open-drain output drive, the slower clock will win and the external clock line will remain
low until this device has finished counting its slow clock pulse, or until the slave device is ready to
proceed.
In the meantime, the faster master device will have detected a contradiction and will go into a wait
state until the clock signal goes high again.
Once the external clock signal goes high, all the master devices will begin counting off their high
clock pulse. In this case the first master to finish counting will attempt to pull the external clock line
low and will win (because of the open drain line). The other master devices will detect this and will
abort their high pulse count and switch to counting out their low clock pulse.
Consequently, the faster master device will determine the length of the high clock pulse, and the
slowest master or slave device will determine the length of the low clock pulse.
This results in a single synchronized clock signal which all master and slave devices then use to
clock their shift registers.
The synchronization and stretching mechanism is shown in Figure 70.
The SSC2 implements this clock synchronization mechanism when the I²C control bit, SSCI2CM, is
enabled.
Figure 70: Clock Synchronization Mechanism
Master 1
Master 2
Resultant
Clock
Slave
Stretched
Master 2
High Period
Master 1 Low
Period
Slave
Stretch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com