Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 21Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 22Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 23Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 24Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 27Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 28Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 25 of 97
Daisy-Chain Polling
In a daisy-chain configuration of N stacked devices, the same
two polling methods can be used.
If the bottom device communicates in SPI mode, the SDO of
the bottom device indicates the operation status of the entire
stack. For example, SDO remains low until all the devices in the
stack complete the operations.
In the first method of polling, after an ADC conversion
command is sent, clock pulses are sent on SCK while keeping
CSB low. The SDO status becomes valid only at the end of 2 × N
clock pulses on SCK and is updated for each clock pulse that
follows (see Figure 25).
In the second method, the PLADC command is sent followed
by clock pulses on SCK while keeping CSB low. Similar to the
first method, the SDO status is valid only after 2 × N clock
cycles on SCKI and is updated after each clock cycle that follows
(see Figure 26).
If the bottom device communicates in isoSPI mode, then isoSPI
data pulses are sent to the device to update the operation status.
On the serial controller side, where the ADBMS682x is used,
this action is achieved by clocking the SCK pin. The operation
status is valid only after the bottom ADBMS2950B device
receives 2 × N isoSPI data pulses, and the status is updated for
each isoSPI data return pulse that follows. The device returns a
low data pulse if any of the devices in the stack is busy
performing operations and returns a high data pulse if all the
devices completed conversions.
Figure 25. SDO Polling After an ADC Conversion Command (Daisy-Chain Configuration)
Figure 26. SDO Polling Using PLADC Command (Daisy-Chain Configuration)
Command Codes Overview
Table 33 lists all available commands of the ADBMS2950B.
Details for each command are described in the following
chapters organized in functional groups. Additional
ADBMS6830B compatible commands are listed in Table 87.
Table 33. Command Codes Overview
Name
Type
BIT
10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Description
SRST
CMD
0
0
0
0
0
1
0
0
1
1
1
Software reset, including
CCNT reset (ADBMS6830B:
SRST).
RSTCC
CMD
0
0
0
0
0
1
0
1
1
1
0
Reset Command Counter
(ADBMS6830B: RSTCC).
SNAP
CMD
0
0
0
0
0
1
0
1
1
0
1
Freeze result registers
(ADBMS6830B: SNAP).
UNSNAP
CMD
0
0
0
0
0
1
0
1
1
1
1
Unfreeze result registers
(ADBMS6830B: UNSNAP).
ADI1
CMD
0
1
RD
OPT[3]
1
1
OPT[2]
0
x
OPT[1]
OPT[0]
Start I1ADC and VB1ADC
(ADBMS6830B: ADCV).
ADI2
CMD
0
0
1
OPT[3]
1
1
OPT[2]
1
0
OPT[1]
OPT[0]
Start I2ADC and VB2ADC
(ADBMS6830B: ADSV).
ADV
CMD
1
0
0
OW[1:0]
OW[1:0]
1
1
VCH[3:0]
VCH[3:0]
VCH[3:0]
VCH[3:0]
Start V1ADC and V2ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com