Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 46Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 47Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 48Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 49Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 50Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 51Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 48 of 97
Figure 40. PWM1 OCx Assertion with Setting OCDGT = 0, OCDP = 1
Figure 40 shows the typical timings of the sequence WRCFGB,
WRCFGA, and WRCFGA with two ICs in a daisy-chain
showing the OCA, OCB outputs of both ICs.
Even at maximum (iso)SPI clock rate, the time tOCEN,DLY1 is
negative in this scenario and thus the wait time between the two
WRCFGA commands is not required.
To show the effect of the outputs being high impedance when
OCEN is cleared, the IC1 pull-down resistors have been
connected to the OCx pins and the IC2 has been populated
with pull-up resistors.
The duration of the write sequence (tWR) depends on controller
timings such as (iso)SPI clock rate and the number of ICs in a
daisy-chain. The last WRCFGA generating the rising edge of
OCEN starts the interval (tSI = 0.2 ms; nominally 3 to 4
OCxADC conversion cycles) after which the first asserted
(75%) PWM period (tOC = 0.063 ms) starts. Assuming the
external pyrofuse ignition circuitry implementing an off-chip
deglitching only triggers after two consecutively asserted PWM
periods, the total triggering time becomes:
tTOTAL = tWR + tSI + 2 × tOC
The timing plot also shows some more read commands like
RDFLAG, RDSTAT that might be issued after the assertion. The
RDFLAG must especially be issued to validate the OC1L to
OC3L latches being set and the OCAGD, OCBGD bits not
being set. Note that depending on when the RDFLAG is sent, it
might not yet show the OCxL latches being set.
In the shown example, the RDFLAG is sent before the OCx
outputs assert to the 75% PWM signal. In the example, another
RDFLAG issued after the RDSTAT report the OCxL latches
being set.
Table 62. OCxADC Command Codes
Name
Type
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Description
CLRO
CMD
1
1
1
0
0
0
1
0
0
1
1
Clears all OCxADC results.
RDOC
RD48
0
0
0
0
0
0
0
1
0
1
1
Read OCxADC results (ADBMS6830B: RDCVF).
0
0
0
0
0
0
1
0
1
1
1
ADBMS6830B compatible code RDFCF.
Table 63. Overcurrent Return Values
Command
BYTE 5
BYTE 4
BYTE 3
BYTE 2
BYTE 1
BYTE 0
RDOC
OC3MIN
OC3MAX
RESERVED
OC3R
OC2R
OC1R
The CLRO command clears the OCxADC results OC1R to
OC3R. The register values after clearing are shown in Table 64
from OC1R to OC3R, column CLRO. The bit OCAGD/CLRM
of the CLRFLAG command clears the overcurrent min/max
registers OC3MIN and OC3MAX. The register values after
clearing are shown in Table 65 from OC3MAX to OC3MIN,
column CLRM.
Table 64. Overcurrent Result Registers
Name
Type
Reset
CLRO
Description
OC1R
RO, FRZ
0x7F
0x80
Sign-extended 8-bit OC1ADC result register, voltage = OC1R × OC1LSB.
OC2R
RO, FRZ
0x7F
0x80
Sign-extended 8-bit OC2ADC result register, voltage = OC2R × OC2LSB.
OC3R
RO, FRZ
0x7F
0x80
Sign-extended 8-bit OC3ADC result register, voltage = OC3R × OC3LSB.
Table 65. Overcurrent Min/Max Registers
Name
Type
Reset
CLRM
Description
OC3MAX
RO, FRZ
0x7F
0x80
Sign-extended 8-bit OC3ADC conversion maximum, voltage = OC3MAX × OC3LSB.
OC3MIN
RO, FRZ
0x80
0x7F
Sign-extended 8-bit OC3ADC conversion minimum, voltage = OC3MIN × OC3LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com