Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 66Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 68Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 69Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 70Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 71Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 72Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 69 of 97
current further increases with IO current sourced by the pins
GPO, OCA, OCB, and VREF1P25.
If the VREG pin is required to support any additional load, a
transistor with a higher beta value may be required. The power
dissipation of the NPN and the collector series resistor must be
considered when selecting appropriate components. The NPN's
collector can be powered from any voltage source that is a
minimum of 6V above GND. In Figure 48, the voltage source
that supplies VDD is used.
A 47 Ω, 100 nF RC-decoupling network is recommended for
the collector power connection for filtering and protecting the
NPN from transients. Filter the DRIVE pin by adding a 10 Ω,
10 nF RC to the base of the NPN. The emitter output is
recommended to be filtered with a ferrite bead for best EMC
and EMI performance. Alternatively, a 0 Ω resistor can be
placed to allow the option to change to a ferrite. The VREG pin
must be bypassed with a 1 μF reservoir capacitor. Avoid larger
capacitance because this increases the wake-up time of the
ADBMS2950B. Choose a transistor with adequate thermal
dissipation.
Figure 48. VREG Power Source Using NPN Pass Transistor
11V to 20V Supply and 5V Step-Down Regulator
The NPN transistor linear regulator can be replaced by a buck
regulator to improve efficiency and reduce power dissipation as
shown in the upper right section of Figure 47. The DRIVE pin
can be left unconnected in this scenario.
5V Supply and 11V to 20V Step-Up Regulator
The VREG pin can be supplied directly by an external 5V, supply
for example, an isolated 5VIN to 5VOUT ADuM derivative from
the Analog Devices isoPower series. The 11V to 20V supply for
VDD can be generated through an additional step-Up converter
as shown in Figure 47 lower left. A low-power boost regulator
or charge pump can be used. The DRIVE pin can be left
unconnected in those scenarios.
5V Supply and 14V Charge Pump
Because of the very low VDD power requirements in the order of
sub-milliampere over the full-operating temperature range (see
Table 12) plus optional GPO sourcing current for external
circuits, a simple charge-pump circuitry using an inverting
Schmitt-Trigger supplied by 5V (VREG) can be used for this
purpose. The supply current of the Schmitt-Trigger vs. the
analog input signal generated by the RC circuitry must be
considered. A suitable device, which does not respond with
excessive supply current while the input signal is around the
tripping points, is the 74HC2G14GW-Q100H from Nexperia.
Figure 49 shows the recommended implementation with an
oscillator frequency set to ~190 kHz.
Figure 49. Inverting Schmitt-Trigger Charge Pump Voltage Trippler from VREG
= 5V to VDD ~14V
Intermediate VDD Voltages
The VDD pin must be operated in either VDD = VREG or in 11V ≤
VDD ≤ 20V mode to achieve the specified performance.
However, depending on the selected power supply topology
and/or the presence of faults in the system, the VDD pin may see
a voltage that is above VREG but below 11V for some time. As the
VDD voltage drops below a level of about 8V, the VDRUV bit is
asserted, and the DRIVE pin no longer provides its 5.7V output.
This reduces the supply current drawn by the VDD pin. In cases
where VREG is supplied through an external NPN, this also shuts
down the IC. In cases where VREG is powered externally and
does not leave its specified supply range, the IC operation
including communication and measurement accuracy are not
affected. The GPO high-level output voltage follows the VDD pin
voltage throughout.
PROTECTION FEATURES
The ADBMS2950B incorporates various ESD safeguards to
ensure robust performance. An equivalent circuit showing the
specific protection structures is shown in Figure 50. Zener-like
protection structures are shown with their nominal clamp
voltage, and the unmarked diodes exhibit standard PN junction
behavior with an expected forward voltage between 0.4V and
0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com