Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 66Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 68Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 65 of 97
1. Ensure that the GPIOs used for I2C transactions are
not actively forced low through CFGB register setting,
meaning GPIO3C and GPIO4C must be at their
default value (1) to release the pins.
2. Write data and control action through WRCOMM.
3. Perform transmission through STCOMM: 4 bytes for
CMD+PEC and 3 bytes per byte to be transmitted,
maximum 9 bytes, independent of the length of the
daisy-chain as all ICs of the daisy-chain perform the
transmission simultaneously (no daisy-chain shift
register activated for this command). The data is do
not care, for example, it can be set to all 0x00.
4. Get data received during transmission via RDCOMM
if required.
5. Continue with step 2 for any additional bytes.
The following example assumes an I2C EEPROM as
24LC02BHT-E/OT from Microchip connected to the I2C
controller interface of the ADBMS2950B. It shows writing one
byte to an address and reading it back.
First, write a byte (0x8E) to address 0xA0, and do the following
steps:
1. Write data and control action through WRCOMM.
ICOM0 = 0x6 (I2C START), FCOM0 = 0x8 (I2C:
Controller NACK on 9th clock)
ICOM1 = 0x0 (I2C BLANK), FCOM1 = 0x0 (I2C:
Controller ACK on 9th clock)
ICOM2 = 0x0 (I2C BLANK), FCOM2 = 0x9
(Controller NACK followed by STOP)
DATA0 = 0xA0, DATA1 = 0x00, DATA2 = 0x8E
2. Perform transmission through STCOMM.
STCOMM (4 bytes for CMD+PEC) followed by 9
bytes.
Next, perform a Read operation by first writing the memory
read address to I2C peripheral write address:
1. Write data and control action through WRCOMM.
ICOM0 = 0x6 (I2C START), FCOM0 = 0x8 (I2C:
Controller NACK on 9th clock)
ICOM1 = 0x0 (I2C BLANK), FCOM1 = 0x0 (I2C:
Controller ACK on 9th clock)
ICOM2 = 0x6 (I2C START), FCOM0 = 0x8 (I2C:
Controller NACK on 9th clock)
DATA0 = 0xA0, DATA1 = 0x00, DATA2 = 0xA1
2. Perform transmission through STCOMM.
STCOMM (4 bytes for CMD+PEC) followed by 9
bytes.
And finally, read back the byte:
1. Write data and control action through WRCOMM for
the last two remaining bytes.
2. ICOM0 = 0x0 (I2C BLANK), FCOM0 = 0x9
(Controller NACK followed by STOP)
ICOM1 = 0x7 (I2C No transmit), FCOM1 = 0x9
(Controller NACK followed by STOP)
ICOM2 = 0x7 (I2C No transmit), FCOM2 = 0x9
(Controller NACK followed by STOP)
DATA0 = 0xFF, DATA1 = 0x00, DATA2 = 0x00 (2nd
and 3rd byte are do not care)
3. Perform transmission through STCOMM.
STCOMM (4 bytes for CMD+PEC) followed by 9
bytes.
4. Get received data during transmission through
RDCOMM.
DATA0 (Contains 0x8E)
The specifics of the write and read address depends on the
peripheral that is connected. The I2C clock rate depends on the
frequency of the (iso)SPI clock. It might be necessary to slow
down the (iso)SPI clock to not exceed the maximum supported
frequency of the I2C peripheral.
ADBMS6830B COMPATIBLE COMMANDS
The ADBMS2950B supports all read and write commands of
the cell monitors ADBMS6830B to allow operation of daisy-
chains consisting of both device types as shown in SPI and
isoSPI Interface Topologies section.
The Command Code tables show in brackets the Command
Code name of the identical ADBMS6830B code. For example,
the RDI command is identical to the RDCVA command and
has an alternative ADBMS6830B compatible code RDFCA to
which the ADBMS2950B responds as it is an RDI command.
Also, certain poll or 4-byte-only commands are shared between
the ADBMS2950B and ADBMS6830B. For example, the ADI1
command is identical to the ADCV command and ADI2 is
identical to ADCV.
Certain exceptions apply in the case of ADI1 and ADI2 as listed
in the Table 41. Commands without the noted ADBMS6830B
code are ignored by the cell monitors and the ADBMS6830B
codes that are not listed here, for example, ADAX and ADAX2,
are ignored by the ADBMS2950B. This allows certain actions to
be triggered in one device type only.
Table 87 shows the additional compatible read and write
ADBMS6830B command codes. These codes do not have an
internal effect on the ADBMS2950B other than behaving as a
read command returning do not care data with a valid DPEC or
behaving as a write command with the data written being do
not care and incrementing the command counter if the DPEC is
valid for the do not care data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com