Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 18Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 19Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 20Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 21Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 22Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 23Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 24Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 22 of 97
NETWORK LAYER OF (ISO)SPI PROTOCOL
This chapter describes the communication protocol of the SPI
(Port A) or isoSPI (Port A or Port B) peripheral interface.
Communication Protocol
The protocol formats for commands are shown from Table 25
to Table 29. Table 24 shows the protocol keys to read the
protocol diagrams.
Table 24. Protocol Keys
Name
Description
CMD0
Command Byte 0 (see Table 29).
CMD1
Command Byte 1 (see Table 29).
PEC0
Packet Error Code Byte 0 (see Table 30).
PEC1
Packet Error Code Byte 1 (see Table 30).
DPEC0
Data Packet Error Code Byte 0 (see Table 31 and Table 32).
DPEC1
Data Packet Error Code Byte 1 (see Table 31 and Table 32).
...
Continuation of Protocol.
B0 to B3
1st four bytes of SPI transaction received by all devices in daisy-
chain.
S<m>:B<n>
Byte n send to (WRITE) or read from (READ) device m.
N
Total number of devices in daisy-chain.
Table 25. WRITE Command. Data and DPEC Bytes are Sent from Serial Controller to Peripheral
B0
B1
B2
B3
SN:B0
...
SN:B5
SN:B6
SN:B7
...
S1:B0
...
S1:B5
S1:B6
S1:B7
CMD0
CMD1
PEC0
PEC1
Data Byte 0
...
Data Byte 5
DPEC0
DPEC1
...
Data Byte 0
...
Data Byte 5
DPEC0
DPEC1
Table 26. Read Command. Data and DPEC Bytes are Sent from Serial Peripheral to Controller
B0
B1
B2
B3
S1:B0
...
S1:B5
S1:B6
S1:B7
...
SN:B0
...
SN:B5
SN:B6
SN:B7
CMD0
CMD1
PEC0
PEC1
Data Byte 0
...
Data Byte 5
DPEC0
DPEC1
...
Data Byte 0
...
Data Byte 5
DPEC0
DPEC1
Table 27. Read-All Command
B0
B1
B2
B3
S1:B0
S1:B1
...
S1:B19
S1:B20
S1:B21
CMD0
CMD1
PEC0
PEC1
Data Byte 0
Data Byte 1
...
Data Byte 19
DPEC0
DPEC1
Table 28. Poll or 4-Byte-Only Commands. The Optional Poll Data is Sent from Peripheral to Controller
B0
B1
B2
B3
...
CMD0
CMD1
PEC0
PEC1
Optional Poll Data
...
Table 29. Command Format
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMD0
0
0
0
0
0
CC[10]
CC[9]
CC[8]
CMD1
CC[7]
CC[6]
CC[5]
CC[4]
CC[3]
CC[2]
CC[1]
CC[0]
For most read and write commands, the data is 6 register bytes
plus 6 bits of command counter, which are part of the DPEC0
byte for a total of 54 data bits followed by the PEC10 bits.
Without the command counter bits, this makes 48 register data
bits, which is why those commands are indicated by the RD48
or WR48 command type throughout this data sheet.
The special Read All (RDALL...) commands RDALLI,
RDALLA, RDALLV, RDALLR, RDALLX, and RDALLC return
20 bytes of register data plus command counter followed by the
PEC10 bits as shown in Table 27.
The RDALL commands do not return any data received at the
ADBMS2950B's isoSPI controller port, thus can be used to read
data from a single device only, which can be a single IC
application as shown in Figure 19 or reading data from the first
ADBMS2950B shown in Figure 20, Figure 21, or Figure 22.
The limit to one device or the first device in a daisy-chain is
indicated in Table 27 by showing S1:... bytes only.
Table 32 shows the format for the DPEC containing command
counter and PEC10 when reading data.
For write commands, register data is sent to ADBMS2950B,
followed by the DPEC. For example, when writing CFGA
register, the data is sent in the following order: CFGA0, …,
CFGA5, DPEC0, and DPEC1. Table 31 shows the format for
DPEC when writing data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com