Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 48Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 49Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 50Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 51Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 52Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 53Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 52 of 97
Name
Type
Reset
Value
Description
1
Forces TMODE flag.
INJECC
RW
0
ECC Diagnostic Enable.
0
Normal operation.
1
Inject bit error and trigger ECC logic to set SED1, SED2, MED1, and MED2.
INJOSC
RW
00
Clock Monitor Diagnostic Enable.
00
Regular clock applied to clock monitor. No-clock detector in regular mode.
01
Faster clock applied to clock monitor. No-clock detector in regular mode.
10
Slower clock applied to clock monitor. No-clock detector checks for clock stuck high.
11
Regular clock applied to clock monitor. No-clock detector checks for clock stuck low.
INJMON
RW
00
Supply Monitor and Deglitcher Diagnostic Enable.
00
Supply monitors operate normally. Deglitcher operates normally.
01
Supply monitors operate normally. Deglitcher mismatched forced to set OCMM flag.
10
Force undervoltage to trigger VDDUV, VREGUV, and VDIGUV checks.
11
Force overvoltage to trigger VREGOV, VDIGOV, VDE, and VDEL checks.
Note:
1
The host controller must keep log when setting the INJTS bit
for requesting the THSD bit to be asserted. After successfully
reading THSD, the INJTS bit must be cleared through
WRCFGA and the THSD bit must be cleared through
CLRFLAG. If a SRST is issued before clearing THSD, the FLAG
register reports RESET and THSD bits being set, same as if
there is a thermal shutdown. Setting INJTS requests the THSD
to be asserted, but by itself does not trigger an internal reset.
Table 71. CFGB Register Map
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
OC1TH[6:0]
1
0
OC2TH[6:0]
2
0
OC3TH[6:0]
3
0
0
0
0
OCDP
0
OCDGT[1:0]
4
OCBX
OCAX
OCMODE[1:0]
OC3GC
OC2GC
OC1GC
OCOD
5
GPIO4C
GPIO3C
GPIO2C
GPIO1C
GPIO2EOC
DIAGSEL[2:0]
Note: Any bits listed with 0 must be written with 0 during write
commands.
Table 72. CFGB Bit Description
Name
Type
Reset
Value
Description
OC1GC
RW
0
OC1ADC Analog Input Gain Control.
0
OC1ADC Gain = 1 (OC1LSB = 5 mV).
1
OC1ADC Gain = 2 (OC1LSB = 2.5 mV).
OC2GC
RW
0
OC2ADC Analog Input Gain Control.
0
OC2ADC Gain = 1 (OC2LSB = 5 mV).
1
OC2ADC Gain = 2 (OC2LSB = 2.5 mV).
OC3GC
RW
0
OC3ADC Analog Input Gain Control.
0
OC3ADC Gain = 1 (OC3LSB = 5 mV).
1
OC3ADC Gain = 2 (OC3LSB = 2.5 mV).
OC1TH
RW
0000000
OC1ADC Overcurrent Threshold. Magnitude of signed 7-bit result depends on gain setting.
0000000
OC1 output asserted irrespective of measured value.
0000001
OC1 output asserted when |OC1R| ≥ 1.
0000010
OC1 output asserted when |OC1R| ≥ 2.
0000011
OC1 output asserted when |OC1R| ≥ 3.
...
...
0111111
OC1 output asserted when |OC1R| ≥ 63.
1xxxxxx
OC1 output is deasserted. CLRO command clears the OC1R result register to 10000000.
OC2TH
RW
0000000
OC2ADC Overcurrent Threshold. Magnitude of signed 7-bit result depends on gain setting.
0000000
OC2 output asserted irrespective of measured value.
0000001
OC2 output asserted when |OC2R| ≥ 1.
0000010
OC2 output asserted when |OC2R| ≥ 2.
0000011
OC2 output asserted when |OC2R| ≥ 3.
...
...
0111111
OC2 output asserted when |OC2R| ≥ 63.
1xxxxxx
OC2 output is deasserted. CLRO command clears the OC2R result register to 10000000.
OC3TH
RW
0000000
OC3ADC Overcurrent Threshold. Magnitude of signed 7-bit result depends on gain setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com