Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 59 of 97
•
When set to open-drain mode through GPOxOD = 1
and to high-impedance state through GPOxC = 1, the
GPOs become inputs effectively.
•
GPO6 can be configured to output 200 kHz, 50%
duty-cycle square wave signal (GPO6C).
The ADBMS2950B features four GPIO pins to fulfill the
following functions:
•
General-purpose static input/output signals.
•
Connectivity to local SPI or I2C peripheral (see
COMM Interface).
•
Fault Output.
The GPIOs provide the following features:
•
Open-drain output control up to VREG voltage
(GPIO1C to GPIO4C).
•
Single-threshold readback (GPIO1L to GPIO4L).
•
GPIO1 can output the fault status of the device
(GPIO1FE).
•
GPIO2 can signal the end-of-conversion of the
OC1ADC (GPIO2EOC).
An external SPI or I2C peripheral can be connected to the
GPIO/GPO pins. Often, this is an EEPROM to store calibration
data, for example, the shunt resistance value of the ratios of
external resistive dividers. Access to external serial peripheral
devices is provided through the COMM commands controlled
by the host.
The following serial controller interface connections are
supported:
•
I2C peripheral devices.
•
3-wire SPI peripheral devices.
•
4-wire SPI peripheral devices.
Additional chip-select lines for SPI communication can be
provided through the GPOs.
GPO Operation
The six GPOs are controlled through the configuration A
register CFGA. It provides the open-drain mode enable bits
(GPO1OD to GPO6OD) and output state control bits (GPO1C
to GPO6C) for each individual GPOx pin. Additionally, for the
GPO6, a clock output mode can be activated through its 2-bit
GPO6C configuration bit field. After reset, all GPOs default to
the high-impedance mode.
Figure 41. GPO Model
Notes:
1. The GPO6L and GPO6H bits are not defined, where
GPO6 has been configured in clock output mode.
2. The GPOxL and GPOxH read-only bits are
redundantly read by SPI1 and SPI2 and can trigger a
false SPIFLT event if GPO is exposed to dynamic
signals or to extreme time constants.
3. When a GPOx pin is configured in open-drain mode
and externally pulled up to a voltage lower than VDD,
the GPOxH readback bit should not be used.
Table 79. Relation of GPOxOD, GPOxC Configuration to
GPOx Mode and State
GPOxOD
GPOxC
GPOx Mode
GPOx State
0
0
Push-Pull
Pull low to GND.
0
1
Push-Pull
Push high to VDD.
1
0
Open-Drain
Pull low to GND.
1
1
Open-Drain
High impedance.
The status of the six GPOs is available in the STAT register and
can be readback with the RDSTAT command. There are two
read-only bits for each GPO, reporting two different threshold
levels:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com