Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 30Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 31Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 35Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 34 of 97
The x indicates the bits that can be either 0 or 1. Any
combination is valid, and the ADBMS2950B responds the same
way if the command PEC matches the command bytes.
RDALL commands are not available on the isoSPI daisy-chains,
see the Communication Protocol section.
Table 41 shows the parameter bits available for ADI1 and ADI2
commands.
When the OPT parameter instructs to run the diagnostics, the
specific diagnostic mode is selected by the DIAGSEL bit field in
the CFGB configuration register (see Table 72).
Redundant I2ADC and VB2ADC diagnostic measurements
(synchronous to I1ADC and VB1ADC for redundancy) must
be terminated through one of the two ADI2 single-shot
measurement (non-diagnostic) or any other ADI2 Single-shot
diagnostic (DIAGSEL) measurement command after DIAGSEL
has been set to 0b000.
Table 41. ADI1 and ADI2 Parameter Bits
Name
Type
Value
Description
Behavior of ADBMS6830B
RD
PAR
Redundancy Enable.
0
Start I1ADC/VB1ADC only.
Start CADC only.
1
Start I1ADC/VB1ADC and I2ADC/VB2ADC synchronously.
Start CADC and SADC synchronously.
OPT
PAR
Continuous/Diagnostic Measurement Options
1010
Continuous diagnostic (DIAGSEL) measurement.
Continuous odd channel OWD, no PWM discharge.
1001
Continuous diagnostic (DIAGSEL) measurement.
Continuous even channel OWD, no PWM discharge.
1011
Continuous diagnostic (DIAGSEL) measurement.
Continuous all channel OWD, no PWM discharge.
1100
Continuous measurement.
Invalid command (CONT = DCP = 1).
1000
Continuous measurement.
Continuous measurement, no PWM discharge.
0010
Invalid command.
Single-shot odd channel OWD, no PWM discharge.
0001
Invalid command.
Single-shot even channel OWD, no PWM discharge.
0011
Invalid command.
Single-shot all channel OWD, no PWM discharge.
1110
Single-shot diagnostic (DIAGSEL) measurement.
Invalid command (CONT = DCP = 1).
1101
Single-shot diagnostic (DIAGSEL) measurement.
Invalid command (CONT = DCP = 1).
1111
Single-shot diagnostic (DIAGSEL) measurement.
Invalid command (CONT = DCP = 1).
0110
Single-shot diagnostic (DIAGSEL) measurement.
Single-shot odd channel OWD, PWM discharge permitted.
0101
Single-shot diagnostic (DIAGSEL) measurement.
Single-shot even channel OWD, PWM discharge permitted.
0111
Single-shot diagnostic (DIAGSEL) measurement.
Single-shot all channel OWD, PWM discharge permitted.
0000
Single-shot measurement.
Single-shot measurement, no PWM discharge.
0100
Single-shot measurement.
Single-shot measurement, PWM discharge permitted.
The diagnostic (DIAGSEL) measurement options depend on
the setting of DIAGSEL at the time the ADI1/ADI2 commands
are received. For DIAGSEL = 0b000, the IxADC and VBxADC
convert regular inputs. This means that diagnostics is not
enabled (see Table 72).
In typical applications, the I1ADC and VB1ADC are
recommended to be operating in an uninterrupted, continuous
measurement mode activated by any of the continuous
measurement options, with or without redundancy. While in
this mode, redundant measurement through the I2ADC and
VB2ADC can be activated at any time by sending any
Continuous or Continuous diagnostic (DIAGSEL)
measurement command. Both the ADCs then align to the next
accumulation cycle (depends on ACCN, see ACCI in Table 70)
of the I1ADC and VB1ADC to perform synchronous
measurements without affecting the ongoing, continuous
conversions of those channel 1 ADCs. This also allows
synchronous diagnostic measurements, for example,
performing open-wire checks on the battery pack current or
voltage inputs.
Table 42 describes the behavior of the channel 2 ADCs on
ADI2 commands according to Table 41, while the channel 1
ADCs are operating continuously. The column DIAGSEL shows
the register value in Table 72 at the time the ADI2 command is
sent. The columns Diagnostic, Continuous, and Redundant
indicate if the following measurements are performed with
diagnostic, continuously and redundant (synchronously) to
I1ADC, VB1ADC.
When the ADBMS2950B is connected in a daisy-chain together
with the ADBMS6830B, the option OPT = 0b1100 allows
redundant measurements by IxADC and VBxADC for
comparison of both channels without affecting the cell voltage
measurements on the ADBMS6830B. Whenever the
ADBMS6830B is performing the similar redundant
measurement of the C and S inputs through OPT = 0b1000
(CONT = 1, DCP = 0, OWD = 0b00), the ADBMS2950B also
performs redundant measurements. This allows execution of
the redundant diagnostics at a low rate as required by the
ADBMS6830B through OPT = 0b1000, and at a higher rate as
typically required by the ADBMS2950B through interleaving
additional commands with OPT = 0b1100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com