Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 4Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 8 of 97
OTHER ELECTRICAL SPECIFICATIONS
Operating junction temperature (TJ) = −40°C to +125°C, VDD = 12V, VREG = 5.0V, ISOMD pin is connected low, unless otherwise noted.
Table 8. General Timing Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OSCILLATOR FREQUENCIES
OSC1 Frequency fOSC1
1.87
2.07
2.27
MHz
OSC2 Frequency fOSC2
8.28
kHz
OSC3 Frequency fOSC3
100
kHz
STARTUP TIMINGS
Regulator Startup (tWAKE)
200
500
µs
VREG generated from DRIVE pin, time after VDD exceeds VDRUV
threshold
Reference Startup (tREFUP)
3.5
4.5
ms
Time required to transition into REFUP after power-up or SRST
IxADC Startup (tIxADC_STARTUP)
8.1
9
9.9
ms
Time required for the first IxADC result to be available after
receiving an ADIx command within the REFUP state for the first time
after power-up or SRST
IxADC Initialization (tIxADC_INIT)
115
127
140
ms
Time required for the IxADCs to initialize after tIxADC_STARTUP expiry
Table 9. General-Purpose Outputs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Low-Level Output Voltage
0.4
V
IGPOX = 1 mA
High-Level Output Voltage
VDD − 0.5
V
IGPOX = −1 mA
Low-Level Readback Threshold
0.6
1.3
V
High-Level Readback Threshold
VDD − 1.3
VDD − 0.6
V
IGPOX = −1 mA
GPO6 Output Frequency
186
207
228
kHz
GPO6C = 0b10
GPO6 Output Duty Cycle
49
50
51
%
GPO6C = 0b10, push-pull output enabled, external capacitance ≤
200 pF
Rise Time
1
µs
CL = 200 pF
Fall Time
1
µs
CL = 200 pF
Leakage Current
−10
2.5
+10
μA
Both low-side and high-side drivers disabled
Table 10. General-Purpose Input/Open Drain Outputs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Low-Level Output Voltage
0.3
V
IGPIOX = 4 mA
Input Threshold
0.8
2.3
V
Leakage Current
1
μA
Pin voltage = 5V, pin not asserted logic low
Table 11. OC Outputs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Low-Level Output Voltage
0.4
V
IOCX = 10 mA
High-Level Output Voltage
VREG − 0.4
V
IOCX = −10 mA
Readback-Input Threshold Voltage
1.2
3
V
PWM Output Frequency
14.4
16
17.9
kHz
PWM1 or PWM2 mode selected
PWM Duty-Cycle Absolute Error
−1
+1
%
PWM1 or PWM2 mode selected, push-pull output enabled, external
capacitance ≤ 200 pF
Leakage Current
−10
+10
μA
Both low-side and high-side drivers disabled
Table 12. General DC Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDD Supply Voltage
VDD Range 1
4.5
5.5
V
DRIVE output low
VDD Range 2
11
20
V
DRIVE output enabled
VREG Supply Voltage
4.5
5
5.5
V
DRIVE PIN
Output Voltage
5.5
5.7
5.9
V
TA = 25°C, ILOAD = 2 mA, VDD ≥ 11V
Output Current
−0.2
+5
mA
ΔVDRIVE < ±100 mV
Temperature Coefficient
−1.6
mV/°C
SUPPLY CURRENT
VDD Supply Current
Excluding GPO sourcing current
4.5 ≤ VDD ≤ 5.5V
0.06
mA
VDD ≥ 11V
0.1
mA
Also excluding DRIVE output current
VREG Supply Current
Excluding OC and VREF1P25 sourcing current
REFUP (OCEN = 0)
3.9
mA
REFUP (OCEN = 1)
4.3
mA
REFUP + OC ADCs active
MEASURE
16.3
19.5
mA
REFUP + all ADCs active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com