Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 13Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 14Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 11 of 97
ISOSPI SPECIFICATIONS
Operating junction temperature (TJ) = −40°C to +125°C, VDD = 12V, VREG = 5.0V.
Table 15. isoSPI DC Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Common-Mode Voltage (VCM)
3.2
V
TA = 25°C, IP/IM not driving
PIN RESISTANCE (RIN)
IPA, IMA
35
kΩ
ISOMD = 1, READY state
IPB, IMB
100
kΩ
READY state
Transmitter Pulse Amplitude (VA)
1
1.25
1.6
V
VA = |VIP − VIM|, termination resistance = 50 Ω
Transmitter Drive Current
25
mA
VCM set by the driver
Receiver Threshold Setting
240
300
360
mV
Table 16. isoSPI Pulse Timing Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CHIP SELECT
Half-Pulse Width (t½PW(CS))
120
150
180
ns
Transmitter
Signal Filter (tFILT(CS))
70
90
110
ns
Receiver
Pulse Inversion Delay (tINV(CS))
120
155
190
ns
Transmitter
Valid Pulse Window (tWNDW(CS))
220
270
330
ns
Receiver
DATA
Half-Pulse Width (t½PW(D))
40
50
60
ns
Transmitter
Signal Filter (tFILT(D))
10
25
35
ns
Receiver
Pulse Inversion Delay (tINV(D))
40
55
65
ns
Transmitter
Valid Pulse Window (tWNDW(D))
70
90
110
ns
Receiver
Figure 3. isoSPI Pulse Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com