Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 35Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 36 of 97
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
8
VB2[7:0]
9
VB2[15:8]
10
OC1R
11
OC2R
12
OC3R
13
GPO6H
GPO5H
GPO4H
GPO3H
GPO2H
GPO1H
GPO6L
GPO5L
14
RESERVED
VDRUV
OCMM
OC3L
OCAGD
OCAL
OC1L
15
RESERVED
VDDUV
NOCLK
REFFLT
OCBGD
OCBL
OC2L
16
I2CNT[2:0]
I1CNT[10:6]
17
I1CNT[5:0]
I1PHA[1:0]
18
VREGOV
VREGUV
VDIGOV
VDIGUV
SED1
MED1
SED2
MED2
19
VDEL
VDE
0
SPIFLT
RESET
THSD1
TMODE
OSCFLT
Note:
1
The thermal shutdown indicator bit THSD is not cleared by
the SRST command, but only after a power-on-reset or through
the CLRFLAG command.
Table 47. RDALLA Return Values
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
I1ACC[7:0]
1
I1ACC[15:8]
2
I1ACC[23:16]
3
I2ACC[7:0]
4
I2ACC[15:8]
5
I2ACC[23:16]
6
VB1ACC[7:0]
7
VB1ACC[15:8]
8
VB1ACC[23:16]
9
VB2ACC[7:0]
10
VB2ACC[15:8]
11
VB2ACC[23:16]
12
GPO6H
GPO5H
GPO4H
GPO3H
GPO2H
GPO1H
GPO6L
GPO5L
13
GPO4L
GPO3L
GPO2L
GPO1L
GPIO4L
GPIO3L
GPIO2L
GPIO1L
14
RESERVED
VDRUV
OCMM
OC3L
OCAGD
OCAL
OC1L
15
RESERVED
VDDUV
NOCLK
REFFLT
OCBGD
OCBL
OC2L
16
I2CNT[2:0]
I1CNT[10:6]
17
I1CNT[5:0]
I1PHA[1:0]
18
VREGOV
VREGUV
VDIGOV
VDIGUV
SED1
MED1
SED2
MED2
19
VDEL
VDE
0
SPIFLT
RESET
THSD1
TMODE
OSCFLT
Note:
1
The thermal shutdown indicator bit THSD is not cleared by
the SRST command, but only after a power-on-reset or through
the CLRFLAG command.
Voltage and Auxiliary Measurements
Voltage Measurements
The ADBMS2950B devices can measure 10 voltage inputs,
preceding multiplexers, and buffers through V1ADC and
V2ADC. Any pin can be measured either vs. SGND or
VREF1P25. The inputs V1 and V2 can also be measured vs. V3
or V4. The inputs V1 to V6 are measured redundantly through
V1ADC and V2ADC, whereas V7 and V8 are measured by
V1ADC only. V9 and V10 are measured by V2ADC only. Both
ADCs always operate synchronously commanded through
ADV. This allows measurement of redundant sensors like NTCs
connected to the input pin pairs V7, V9 or V8, V10
synchronously through the redundant VxADCs for minimum
sensitivity to noise when comparing the results in the host
controller.
Other application use cases for the inputs V1 to V10 include
contactor diagnostic, link voltage measurement, or battery to
chassis-ground isolation resistance measurement.
When the ADBMS2950B receives a new ADV command during
an ongoing conversion, the VADCs are stopped and restarted.
The corresponding result registers are not reset upon reception
of a new ADV command but are updated at the end of each
individual channel. For multi-measurements, this happens in
the order of the channels in the table given above.
Settings of the configuration registers that affect the VxADC
measurements (VSx, SOAK) are captured when receiving the
ADV command. Any change to those configurations does not
affect an ongoing conversion, but only the next conversion
triggered through ADV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com