Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 94 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 94 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 89Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 90Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 91Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 92Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 93Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 94Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 95Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 96Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 94 of 97
#
t [s]
I1CNT-MIN
I1CNT-NOM
I1CNT-MAX
CntACC-MIN
CntACC-NOM
CntACC-MAX
264
1.848
1663
1847
2032
207
230
254
265
1.855
1669
1854
2040
208
231
255
266
1.862
1675
1861
0
209
232
256
267
1.869
1682
1868
7
210
233
256
268
1.876
1688
1875
15
211
234
257
...
291
2.037
1833
2036
192
229
254
280
292
2.044
1839
2043
200
229
255
281
293
2.051
1845
2
208
230
256
282
294
2.058
1852
9
215
231
257
282
295
2.065
1858
16
223
232
258
283
...
324
2.268
2041
219
446
255
283
311
325
2.275
2047
226
454
255
284
312
326
2.282
5
233
462
256
285
313
327
2.289
12
240
469
257
286
314
328
2.296
18
247
477
258
286
315
Measuring the ADC Conversion Time
The oscillator of the ADBMS2950B has a part-to-part variation
and changes over temperature. The specified limit is ±10%. To
allow precise coulomb counting, the ADC conversion time can
be measured using the I1CNTPHA readings and a reference
timer in the host controller.
The conversion time must be measured at a rate that is still fast
enough to track the oscillator drift over temperature but not too
fast to have sufficient resolution and to avoid errors due to
timing uncertainties. For example, variations in the time at
which the reference timer is captured and when SPI
transactions happen. Reasonable update periods are in the
range of 100 ms to 1000 ms.
Taking the data from Table 89 and 252 ms as an example
period, the conversion time is calculated as follows:
tCONV = t ÷ I1CNT × ACCN
The resulting conversion time is shown in Table 90 for
hypothetical ICs running at minimum (tCONV,MAX), nominal
(tCONV,NOM), and maximum (tCONV,MIN) oscillator frequency.
Table 90. Calculating tCONV from I1CNT
#
t [s]
I1CNTMIN
I1CNTNOM
I1CNTMAX
tCONV,MAX [ms]
tCONV,NOM [ms]
tCONV,MIN [ms]
34
0.238
213
237
261
8.94
8.03
7.30
35
0.245
220
244
268
8.91
8.03
7.31
36
0.252
226
251
276
8.92
8.03
7.30
37
0.259
232
258
284
8.93
8.03
7.30
38
0.266
238
265
292
8.94
8.03
7.29
For maximum resolution and highest precision, it is
recommended to take I1PHA into account and do the
calculation by using the 13-bit I1CNTPHA counter:
tCONV = t ÷ I1CNTPHA × ACCN × 4
Because the conversion time measurement must be executed
continuously, and the I1CNTPHA counter roll-over after ~2
seconds, the calculation must be done using the differences of
I1CNTPHA readings between the beginning and the end of the
measurement window. When a roll-over is detected (new
I1CNTPHA reading smaller than previous reading), the host
must correct the difference by adding 213 = 8192.
Calculating Charge
Once continuous sample data is read, and the conversion time is
measured, the charge (Q) per sample can be calculated as
follows:
Q = tCONV × IxACC ÷ ACCN × IxADCLSB
Typically, the coulomb counting is done using integers. In this
case, the ADC conversion word can be scaled with the deviation
from the nominal ACCN × 1 ms conversion time. Similar
scaling is also done to correct for the shunt’s nominal resistance
value (gcShuntNominal) and to correct the temperature dependent
drift of the shunt (gcShuntTC).
Q = gcShuntNominal × gcShuntTC(TSHUNT) × tCONV × IxACC ÷ ACCN
The charge (Q) can now be accumulated to the coulomb
counter (CC) as follows:
CC = CC + Q
The LSB size of this integer based coulomb counter is:
1 μV ÷ (ACCN × RSNS,NOM) × (ACCN × 1 ms) = 1 μV × 1 ms ÷
RSNS,NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com